| Electronic Components Datasheet Search |
|
TMS320DM641 Datasheet(PDF) 164 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM641 Datasheet(HTML) 164 Page - Texas Instruments |
|
164 / 179 page ![]() Timer 164 June 2003 − Revised October 2005 SPRS222E 4.17 Timer The C6000™ DSP device has 32-bit general-purpose timers that can be used to: • Time events • Count events • Generate pulses • Interrupt the CPU • Send synchronization events to the DMA The timers have two signaling modes and can be clocked by an internal or an external source. The timers have an input pin and an output pin. The input and output pins (TINP and TOUT) can function as timer clock input and clock output. They can also be respectively configured for general-purpose input and output. With an internal clock, for example, the timer can signal an external A/D converter to start a conversion, or it can trigger the DMA controller to begin a data transfer. With an external clock, the timer can count external events and interrupt the CPU after a specified number of events. 4.17.1 Timer Device-Specific Information The DM641/DM640 device has a total of three 32-bit general-purpose timers (Timer0, Timer1, and Timer2). Timer2 is not externally pinned out. For more detailed information, see the TMS320C6000 DSP 32-Bit Timer Reference Guide (literature number SPRU582). 4.17.2 Timer Peripheral Register Description(s) Table 4−74. Timer 0 Registers HEX ADDRESS RANGE ACRONYM REGISTER NAME COMMENTS 0194 0000 CTL0 Timer 0 control register Determines the operating mode of the timer, monitors the timer status, and controls the function of the TOUT pin. 0194 0004 PRD0 Timer 0 period register Contains the number of timer input clock cycles to count. This number controls the TSTAT signal frequency. 0194 0008 CNT0 Timer 0 counter register Contains the current value of the incrementing counter. 0194 000C − 0197 FFFF − Reserved Table 4−75. Timer 1 Registers HEX ADDRESS RANGE ACRONYM REGISTER NAME COMMENTS 0198 0000 CTL1 Timer 1 control register Determines the operating mode of the timer, monitors the timer status, and controls the function of the TOUT pin. 0198 0004 PRD1 Timer 1 period register Contains the number of timer input clock cycles to count. This number controls the TSTAT signal frequency. 0198 0008 CNT1 Timer 1 counter register Contains the current value of the incrementing counter. 0198 000C − 019B FFFF − Reserved Table 4−76. Timer 2 Registers HEX ADDRESS RANGE ACRONYM REGISTER NAME COMMENTS 01AC 0000 CTL2 Timer 2 control register Determines the operating mode of the timer, monitors the timer status. 01AC 0004 PRD2 Timer 2 period register Contains the number of timer input clock cycles to count. This number controls the TSTAT signal frequency. 01AC 0008 CNT2 Timer 2 counter register Contains the current value of the incrementing counter. 01AC 000C − 01AF FFFF − Reserved |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |