Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 168 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 168 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 164Page - Texas Instruments TMS320DM641 Datasheet HTML 165Page - Texas Instruments TMS320DM641 Datasheet HTML 166Page - Texas Instruments TMS320DM641 Datasheet HTML 167Page - Texas Instruments TMS320DM641 Datasheet HTML 168Page - Texas Instruments TMS320DM641 Datasheet HTML 169Page - Texas Instruments TMS320DM641 Datasheet HTML 170Page - Texas Instruments TMS320DM641 Datasheet HTML 171Page - Texas Instruments TMS320DM641 Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 179 page
background image
JTAG
168
June 2003 − Revised October 2005
SPRS222E
4.19 JTAG
The JTAG interface is used for BSDL testing and emulation of the DM641/DM640 device.
4.19.1
JTAG Device-Specific Information
4.19.1.1 IEEE 1149.1 JTAG Compatibility Statement
The TMS320DM641/DM640 DSP requires that both TRST and RESET be asserted upon power up to be
properly initialized. While RESET initializes the DSP core, TRST initializes the DSP’s emulation logic. Both
resets are required for proper operation.
Note: TRST is synchronous and must be clocked by TCLK; otherwise, BSCAN may not respond as expected
after TRST is asserted.
While both TRST and RESET need to be asserted upon power up, only RESET needs to be released for the
DSP to boot properly. TRST may be asserted indefinitely for normal operation, keeping the JTAG port interface
and DSP’s emulation logic in the reset state. TRST only needs to be released when it is necessary to use a
JTAG controller to debug the DSP or exercise the DSP’s boundary scan functionality. RESET must be
released in order for boundary-scan JTAG to read the variant field of IDCODE correctly. Other boundary-scan
instructions work correctly independent of current state of RESET.
The TMS320DM641/DM640 DSP includes an internal pulldown (IPD) on the TRST pin to ensure that TRST
will always be asserted upon power up and the DSP’s internal emulation logic will always be properly initialized
when this pin is not routed out. JTAG controllers from Texas Instruments actively drive TRST high. However,
some third-party JTAG controllers may not drive TRST high but expect the use of an external pullup resistor
on TRST. When using this type of JTAG controller, assert TRST to initialize the DSP after powerup and
externally drive TRST high before attempting any emulation or boundary scan operations.
Following the release of RESET, the low-to-high transition of TRST must occur to latch the state of EMU1 and
EMU0. The EMU[1:0] pins configure the device for either Boundary Scan mode or Normal/Emulation mode.
For more detailed information, see the terminal functions section of this data sheet.
Note: The DESIGN_WARNING section of the TMS320DM641/DM640 BSDL file contains information and
constraints regarding proper device operation while in Boundary Scan Mode.
For more detailed information on the DM641 and DM640 JTAG emulation, see the TMS320C6000 DSP
Designing for JTAG Emulation Reference Guide (literature number SPRU641).
4.19.1.2 JTAG ID Register Description
The JTAG ID register is a read-only register that identifies to the customer the JTAG/Device ID. For the
DM641/DM640 device, the JTAG ID register resides at address location 0x01B3 F008. The register hex value
for the DM641/DM640 device is: 0x0007 902F. For the actual register bit names and their associated bit field
descriptions, see Figure 4−66 and Table 4−82.
31−28
27−12
11−1
0
VARIANT (4-Bit)
PART NUMBER (16-Bit)
MANUFACTURER (11-Bit)
LSB
R-0000
R-0000 0000 0111 1001
R-0000 0010 111
R-1
Legend: R = Read only; -n = value after reset
Figure 4−66. JTAG ID Register Description − TMS320DM641/DM640 Register Value − 0x0007 902F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com