Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM643 Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320DM643_07 Datasheet HTML 55Page - Texas Instruments TMS320DM643_07 Datasheet HTML 56Page - Texas Instruments TMS320DM643_07 Datasheet HTML 57Page - Texas Instruments TMS320DM643_07 Datasheet HTML 58Page - Texas Instruments TMS320DM643_07 Datasheet HTML 59Page - Texas Instruments TMS320DM643_07 Datasheet HTML 60Page - Texas Instruments TMS320DM643_07 Datasheet HTML 61Page - Texas Instruments TMS320DM643_07 Datasheet HTML 62Page - Texas Instruments TMS320DM643_07 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 162 page
background image
www.ti.com
3.7 Configuration Examples
PERCFG Register Value:
0x0000 006A
External Pins:
HD5 = 0
TOUT0/MAC_EN = 1
Shading denotes a peripheral module not available for this configuration.
HPI
(16-Bit)
EMAC
MDIO
McBSP0
McASP0 Data
EMIFA
Clock
and
System
GP0
and
EXT_INT
I2C0
VP2
(20-Bit)
VIC
TIMER0
TIMER1
TIMER2
McASP0 Control
16
HD[15:0]
MTXD[3:0], MTXEN
MRXD[3:0], MRXER,
MRXDV, MCOL, MCRS,
MTCLK, MRCLK
MDIO, MDCLK
VP1
(20-Bit)
VP1CLK0
VP1CLK1,
VP1CTL[2:0],
VP1D[19:0]
AED[63:0]
64
AECLKIN, AARDY, AHOLD
AEA[22:3], ACE[3:0], ABE[7:0],
AECLKOUT1, AECLKOUT2,
ASDCKE, ASOE3, APDT,
AHOLDA, ABUSREQ,
AARE/ASDCAS/ASADS/ASRE,
AAOE/ASDRAS/ASOE,
AAWE/ASDWE/ASWE
CLKIN,
CLKMODE0, CLKMODE1
CLKOUT4, CLKOUT6, PLLV
SCL0
SDA0
VP2CLK0
VP2CLK1,
VP2CTL[2:0],
VP2D[19:0]
TINP0
TOUT0/MACEN
TINP1
TOUT1/LENDIAN
STCLK(A)
VDAC/GP0[8]
HRDY, HINT
HCNTL0, HCNTL1,
HHWIL, HAS, HR/W,
HCS, HDS1, HDS2
GP0[15:9, 3:0]
GP0[7:4]
STCLK(A)
A. STCLK supports both video ports (VP2 and VP1).
CLKR0, FSR0, DR0,
DX0, FSX0, CLKX0
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Figure 3-6 through Figure 3-8 illustrate examples of peripheral selections that are configurable on the
DM643 device.
Figure 3-6. Configuration Example A
(2 20-Bit Video Ports + 1 McBSP + HPI + EMAC + MDIO + I2C0 + EMIF + 3 Timers)
[TBD]
Submit Documentation Feedback
Device Configurations
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com