Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM643 Datasheet(PDF) 84 Page - Texas Instruments

Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320DM643_07 Datasheet HTML 80Page - Texas Instruments TMS320DM643_07 Datasheet HTML 81Page - Texas Instruments TMS320DM643_07 Datasheet HTML 82Page - Texas Instruments TMS320DM643_07 Datasheet HTML 83Page - Texas Instruments TMS320DM643_07 Datasheet HTML 84Page - Texas Instruments TMS320DM643_07 Datasheet HTML 85Page - Texas Instruments TMS320DM643_07 Datasheet HTML 86Page - Texas Instruments TMS320DM643_07 Datasheet HTML 87Page - Texas Instruments TMS320DM643_07 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 162 page
background image
www.ti.com
CLKOUT6
1
2
3
3
AECLKIN
2
3
4
4
5
1
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
Table 5-16. Switching Characteristics Over Recommended Operating Conditions for CLKOUT6
(1) (2) (3)
(see Figure 5-15)
–500
–600
NO.
PARAMETER
UNIT
CLKMODE = x1, x6, x12
MIN
MAX
1
tw(CKO6H)
Pulse duration, CLKOUT6 high
3P – 0.7
3P + 0.7
ns
2
tw(CKO6L)
Pulse duration, CLKOUT6 low
3P – 0.7
3P + 0.7
ns
3
tt(CKO6)
Transition time, CLKOUT6
1
ns
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(2)
PH is the high period of CLKIN in ns and PL is the low period of CLKIN in ns.
(3)
P = 1/CPU clock frequency in nanoseconds (ns)
Figure 5-15. CLKOUT6 Timing
Table 5-17. Timing Requirements for AECLKIN for EMIFA
(1) (2) (3) (see Figure 5-16)
–500
–600
NO.
UNIT
MIN
MAX
1
tc(EKI)
Cycle time, AECLKIN
6(4)
16P
ns
2
tw(EKIH)
Pulse duration, AECLKIN high
2.7
ns
3
tw(EKIL)
Pulse duration, AECLKIN low
2.7
ns
4
tt(EKI)
Transition time, AECLKIN
3
ns
5
tJ(EKI)
Period jitter, AECLKIN
0.02E
ns
(1)
P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
(2)
The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
(3)
E = the EMIF input clock (AECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA.
(4)
Minimum AECLKIN cycle times must be met, even when AECLKIN is generated by an internal clock source. Minimum AECLKIN times
are based on internal logic speed; the maximum useable speed of the EMIF may be lower due to AC timing requirements. On the 600
devices, 133-MHz operation is achievable if the requirements of the EMIF Device Speed section are met. On the 500 devices, 100-MHz
operation is achievable if the requirements of the EMIF Device Speed section are met.
Figure 5-16. AECLKIN Timing for EMIFA
DM643 Peripheral Information and Electrical Specifications
84
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com