Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM643 Datasheet(PDF) 86 Page - Texas Instruments

Part # TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320DM643_07 Datasheet HTML 82Page - Texas Instruments TMS320DM643_07 Datasheet HTML 83Page - Texas Instruments TMS320DM643_07 Datasheet HTML 84Page - Texas Instruments TMS320DM643_07 Datasheet HTML 85Page - Texas Instruments TMS320DM643_07 Datasheet HTML 86Page - Texas Instruments TMS320DM643_07 Datasheet HTML 87Page - Texas Instruments TMS320DM643_07 Datasheet HTML 88Page - Texas Instruments TMS320DM643_07 Datasheet HTML 89Page - Texas Instruments TMS320DM643_07 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 162 page
background image
www.ti.com
5.8 External Memory Interface (EMIIF)
5.8.1
EMIF Device-Specific Information
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269C – FEBRUARY 2005 – REVISED JANUARY 2007
EMIF supports a glueless interface to a variety of external devices, including:
• Pipelined synchronous-burst SRAM (SBSRAM)
• Synchronous DRAM (SDRAM)
• Asynchronous devices, including SRAM, ROM, and FIFOs
• An external shared-memory device
EMIF Device Speed
The rated EMIF speed of these devices only applies to the SDRAM interface when in a system that meets
the following requirements:
• 1 chip-enable (CE) space (maximum of 2 chips) of SDRAM connected to EMIF
• up to 1 CE space of buffers connected to EMIF
• EMIF trace lengths between 1 and 3 inches
• 166-MHz SDRAM for 133-MHz operation
• 143-MHz SDRAM for 100-MHz operation
Other configurations may be possible, but timing analysis must be done to verify all AC timings are met.
Verification of AC timings is mandatory when using configurations other than those specified above. TI
recommends utilizing I/O buffer information specification (IBIS) to analyze all AC timings.
To properly use IBIS models to attain accurate timing analysis for a given system, see the Using IBIS
Models for Timing Analysis application report (literature number SPRA839).
To maintain signal integrity, serial termination resistors should be inserted into all EMIF output signal lines
(see the Terminal Functions table for the EMIF output signals).
For more detailed information on the DM643 EMIF peripheral, see the TMS320C6000 DSP External
Memory Interface (EMIF) Reference Guide (literature number SPRU266).
DM643 Peripheral Information and Electrical Specifications
86
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com