Electronic Components Datasheet Search
  English  ▼

X  

CE6313 Datasheet(PDF) 10 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 10 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 6Page - Intel Corporation CE6313 Datasheet HTML 7Page - Intel Corporation CE6313 Datasheet HTML 8Page - Intel Corporation CE6313 Datasheet HTML 9Page - Intel Corporation CE6313 Datasheet HTML 10Page - Intel Corporation CE6313 Datasheet HTML 11Page - Intel Corporation CE6313 Datasheet HTML 12Page - Intel Corporation CE6313 Datasheet HTML 13Page - Intel Corporation CE6313 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CE6313
Data Sheet
10
Intel Corporation
Figure 6 - Viterbi Error Count Measurement
Figure 6 shows the bit errors rising until the maximum programmed value of VIT_ERRPER is reached, when an
interrupt is generated on the IRQ line to advise the host microprocessor that a new value of bit error count has been
loaded into the VIT_ERRCNT [23:0] register. The IRQ line will go high when the IE_FEC register is read by the host
microprocessor. The error count may be expressed as a ratio:
2.4.1.1
Viterbi Error Count Coarse Indication
To assist in the process of aligning the receiver dish aerial, a coarse indication of the number of bit errors being
received can be provided by monitoring the STATUS line with the following set up conditions.
The frequency of the output waveform will be a function of the bit error count (triggering the maximum value
programmed into the VIT_MAXERR[7:0] register and the dish alignment on the satellite. This VIT_MAXERR mode
is enabled by setting the FEC_STAT_EN register bit-0. Figure 7 shows the bit errors rising to the maximum value
programmed and triggering a change of state on the STATUS line.
Error
Count
VIT_ERRCNT[23:0]
VIT_ERRPER
Data Bits
IRQ
0
0
VIT_ERRCNT[23:0]
VIT_ERRPER[7:0] * 262144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com