Electronic Components Datasheet Search
  English  ▼

X  

CE6313 Datasheet(PDF) 12 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 12 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 8Page - Intel Corporation CE6313 Datasheet HTML 9Page - Intel Corporation CE6313 Datasheet HTML 10Page - Intel Corporation CE6313 Datasheet HTML 11Page - Intel Corporation CE6313 Datasheet HTML 12Page - Intel Corporation CE6313 Datasheet HTML 13Page - Intel Corporation CE6313 Datasheet HTML 14Page - Intel Corporation CE6313 Datasheet HTML 15Page - Intel Corporation CE6313 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
CE6313
Data Sheet
12
Intel Corporation
Figure 8 - DVB Conceptual Diagram of the Convolutional De-Interleaver Block
2.4.3.2
DSS
Before transmission, the data bytes are interleaved with each other in a cyclic pattern of thirteen. This ensures the
bytes are spaced out to avoid the possibility of a noise spike corrupting a group of consecutive message bytes.
Figure 9 below shows conceptually how the convolutional de-interleaving system works. On the CE6313, this
function is realized in the same Random Access Memory (RAM) as used for DVB, but utilizing a different
addressing algorithm.
Figure 9 - DSS Conceptual Diagram of the Convolutional De-Interleaver Block
Sync word route
17x11 bytes
17x10 bytes
17x9 bytes
17x8 bytes
17x7 bytes
17x6 bytes
17x5 bytes
17x4 bytes
17x3 bytes
17x2 bytes
17x1
0
1
2
3
4
5
6
7
8
9
10
11
0
1
2
3
4
5
6
7
8
9
10
11
One
byte per
position
1
0
145
Output
2
Input
12D
12D
12D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com