Electronic Components Datasheet Search
  English  ▼

X  

CE6313 Datasheet(PDF) 15 Page - Intel Corporation

Part # CE6313
Description  DVB-S Satellite Demodulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CE6313 Datasheet(HTML) 15 Page - Intel Corporation

Back Button CE6313 Datasheet HTML 11Page - Intel Corporation CE6313 Datasheet HTML 12Page - Intel Corporation CE6313 Datasheet HTML 13Page - Intel Corporation CE6313 Datasheet HTML 14Page - Intel Corporation CE6313 Datasheet HTML 15Page - Intel Corporation CE6313 Datasheet HTML 16Page - Intel Corporation CE6313 Datasheet HTML 17Page - Intel Corporation CE6313 Datasheet HTML 18Page - Intel Corporation CE6313 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
CE6313
Data Sheet
15
Intel Corporation
demodulation. Hence a frequency offset will not necessarily lead to a performance loss. Performance loss will occur
only if a significant part of the signal is cut off by the base-band filter, due to this frequency offset. This will happen
only if the symbol rate is close to the maximum supported by that filter. In such an event it is recommended that
front-end be re-tuned to neutralise this error before the filter. It is then necessary for the CE6313 to re-acquire the
signal.
The CE6313 can generate control signals to enable full control of the dish and LNB. The chip implements the
signals needed for the full DiSEqC specification. This includes high/low band selection, polarization and dish
position. In this mode, the symbol rate in MSps and Viterbi code rate are the only values needed to start the
CE6313 searching for the signal. The CDC module maps the high level parameters into the various low level
register settings needed to acquire and track the signal. The low level registers may be read and directly modified
to suit very specific requirements. However, this is not recommended.
Figure 13 - CE6313 Control Structure
2.5.1
Symbol Rate and Code Rate Search Mode
Where the symbol rate and/or the Viterbi code rate are unknown, the CE6313 can be programmed to search for
QPSK/BPSK signals. The user should define the range(s) over which the search is required. The CE6313 will then
locate and track any signal detected. Failure to find a QPSK signal in the specified frequency and specified symbol
rate ranges will be indicated by interrupts. CE6313 will carry on searching these ranges after issuing these
interrupts. When the CE6313 has locked onto a signal, the symbol rate in MSps may be read from the MONITOR
registers. The Viterbi code rate may be read from the FEC_STATUS register. This search facility is primarily for use
during the initial installation of a receiver.
2.6
DiSEqC Transmit and Receive Messages
The CE6313 has the capability to send and receive DiSEqC messages. Eight registers are provided to store a
message for transmission and a further eight registers are provided to store a received message. The received
bytes have a parity bit and a parity error bit in addition to the eight data bits. These additional bits are read out in
sequence following the data bits, so two byte reads are required for each data byte.
2.6.1
DiSEqC Transmitting Messages
The sequence of events to send a message are as follows:
1. Load the required message bytes into the DiSEqC instruction register. Sequential writes to the same register are
achieved by setting the Inhibit Auto Incrementing (IAI) bit 7 in RADD, the register address byte.
2. Load the number of bytes (less one) in the DiSEqC instruction in the register DiS_Mode[5:3].
Command
Driven
Control
CE6313
format
registers
Acquisition/
Track
State Machine
QPSK
Low level register read/write
High level input/output
(MSps, MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com