Electronic Components Datasheet Search
  English  ▼

X  

CG3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CG3
Description  TWO ELECTRODE HIGH VOLTAGE SURGE ARRESTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CG3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CG3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CG3 Datasheet HTML 2Page - List of Unclassifed Manufacturers CG3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS
CG3 Series
TWO ELECTRODE HIGH VOLTAGE SURGE ARRESTERS
CG3-1.0
CG3-1.5
CG3-1.0L
CG3-1.5L
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Device Specifications
DC Breakdown
500V/s
VBD
800
1000
1200
1200
1500
1800
V
Impulse Breakdown
100V/µs
VBD
-
-
1500
-
-
2200
V
Insulation Resistance
100V
IR
10
10
--
10
10
--
Ω
Capacitance
1MHz
C
-
-
1
-
-
1
pF
Arc Voltage
I=5A min
VARC
-10-
-
10
-
V
Mechanical Outline
-
-
A
-
-
A
-
-
Life Ratings
(1)
Surge Life
.002mF, 100Ω
-
500
-
-
500
-
-
shots
Max Current Surge
10kA (8/20µs)
-
5
-
-
5
-
-
shots
AC Follow-on Current
1/2 cycle @ 60Hz
-
-
-
300
-
-
300
A pk
CG3-2.0
CG3-2.5
CG3-2.0L
CG3-2.5L
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Device Specifications
DC Breakdown
500V/s
VBD
1600
2000
2400
2000
2500
3000
V
Impulse Breakdown
100V/µs
VBD
-
-
3000
-
-
3750
V
Insulation Resistance
100V
IR
10
10
--
10
10
--
Ω
Capacitance
1MHz
C
-
-
1
-
-
1
pF
Arc Voltage
I=5A min
VARC
-10-
-
10
-
V
Mechanical Outline
-
-
A
-
-
A
-
-
Life Ratings
(1)
Surge Life
.002mF, 100Ω
-
500
-
-
500
-
-
shots
Max Current Surge
10kA (8/20µs)
-
5
-
-
5
-
-
shots
AC Follow-on Current
1/2 cycle @ 60Hz
-
-
-
300
-
-
300
A pk
CG3-3.0
CG3-4.0
CG3-3.0L
CG3-4.0L
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Device Specifications
DC Breakdown
500V/s
VBD
2400
3000
3600
3200
4000
4800
V
Impulse Breakdown
100V/µs
VBD
-
-
4500
-
-
6000
V
Insulation Resistance
100V
IR
10
10
--
10
10
--
Ω
Capacitance
1MHz
C
-
-
1
-
-
1
pF
Arc Voltage
I=5A min
VARC
-10-
-
10
-
V
Mechanical Outline
-
-
B
-
-
B
-
-
Life Ratings
(1)
Surge Life
.002mF,100W
-
500
-
-
500
-
-
shots
Max Current Surge
10kA (8/20µs)
-
5
-
-
5
-
-
shots
AC Follow-on Current
1/2 cycle @ 60Hz
-
-
-
300
-
-
300
A pk
(1)End-of-life limits are:
DC: 50% of minimum initial DC breakdown voltage limit to 150% of maximum initial DC breakdown voltage limit.
Impulse: less than 150% of initial impulse breakdown voltage limit.
All characteristics at 25
oC
SRC
DEVICES
9
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com