Electronic Components Datasheet Search
  English  ▼

X  

CG3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CG3
Description  TWO ELECTRODE HIGH VOLTAGE SURGE ARRESTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CG3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CG3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CG3 Datasheet HTML 2Page - List of Unclassifed Manufacturers CG3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
RATINGS (@ 25
o C)
APPLICATIONS
FEATURES
APPROVALS
SRC Devices 2 electrode high voltage CG3 Comgaps (1.0 - 8.5 kV) are designed for surge protection in applications for which
bias voltages or signal levels of several hundred volts are normally present. Comgaps function as switches which dissipate
a minimum amount of energy and therefore handle currents that far surpass other types of transient voltage protection.
s Rugged ceramic-metal construction
s Non-radioactive
s Low capacitance (<1pF)
s Available in tape-and-reel packaging
s Available with or without leads
s UL Recognized: File Number E111526
s CSA Approved: File Number LR89617
2 ELECTRODE HIGH VOLTAGE SURGE ARRESTERS
s CRT terminal
s CATV equipment
s Antennas
s Power supplies
s Medical electronics
Parameter
Min
Typ
Max
Unit
DC Breakdown Voltage
800
1000
1200
V
1200
1500
1800
V
1600
2000
2400
V
2000
2500
3000
V
2400
3000
3600
V
3200
4000
4800
V
4000
5000
6000
V
6000
7500
9000
V
6800
8500
10200
V
Insulation Resistance
10
10
--
Ω
Capacitance
-
-
1
pF
Operational Temperature
-40
-
+125
°C
(See detailed specifications for more information.)
SRC
DEVICES
CG3 Series
TWO ELECTRODE HIGH VOLTAGE SURGE ARRESTERS
8
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422


Similar Part No. - CG3

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
CG3 GE-CG3 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Tyco Electronics
CG30 MACOM-CG30 Datasheet
469Kb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
M/A-COM Technology Solu...
CG30 MA-COM-CG30 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
Schurter Inc.
CG30.6101.151 SCHURTER-CG30.6101.151 Datasheet
563Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
More results

Similar Description - CG3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCX28-XXXX-P15 MACOM-GTCX28-XXXX-P15 Datasheet
113Kb / 5P
Gas Discharge Tube High Surge Two Electrode Series
logo
Kingtronics Internation...
SKT-2R-75D KINGTRONICS-SKT-2R-75D Datasheet
581Kb / 5P
SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
SKT-SURGE-ARRESTERS KINGTRONICS-SKT-SURGE-ARRESTERS Datasheet
1Mb / 4P
SKT - Surge Arresters 3-Electrode Ceramic Surge Arrester
logo
EPCOS
N80-A230X EPCOS-N80-A230X Datasheet
71Kb / 1P
2-Elektroden-Ableiter 2-Electrode Arresters
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
Surge Arresters (Gas Filled)
logo
List of Unclassifed Man...
CG2145L ETC2-CG2145L Datasheet
322Kb / 4P
TWO ELECTRODE SURGE ARRESTERS
logo
EPCOS
EC90XN EPCOS-EC90XN Datasheet
538Kb / 6P
SURGE ARRESTERS
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
Gas Tube Surge Arresters
logo
NTE Electronics
15040-ECG NTE-15040-ECG Datasheet
31Kb / 1P
Surge Arresters
logo
PHOENIX CONTACT
2788896 PHOENIX-2788896 Datasheet
53Kb / 3P
Housing for mounting surge voltage arresters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com