Electronic Components Datasheet Search
  English  ▼

X  

CG3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CG3
Description  TWO ELECTRODE HIGH VOLTAGE SURGE ARRESTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CG3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CG3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CG3 Datasheet HTML 2Page - List of Unclassifed Manufacturers CG3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPECIFICATIONS
CG3 Series
TWO ELECTRODE HIGH VOLTAGE SURGE ARRESTERS
All characteristics at 25°C
CG3-5.0
CG3-7.5
CG3-8.5
CG3-5.0L
CG3-7.5L
CG3-8.5L
PARAMETER
CONDITIONS
SYMBOL MIN TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Device Specifications
DC Breakdown
500V/s
VBD
4000 5000
6000
6000
7500
9000
6800
8500 10200
V
Impulse Breakdown
100V/µs
VBD
-
-
7500
-
-
10000
-
-
13500
V
Insulation Resistance
100V
IR
10
10
--
10
10
--
10
10
--
Ω
Capacitance
1MHz
C
-
-
1
-
-
1
-
-
1
pF
Arc Voltage
I=5A min
VARC
-
10-
-10-
-10-
V
Mechanical Outline
-
-
B
-
-
B
-
-
B
-
-
Life Ratings
(1)
Surge Life
.002mF,100Ω
-
500
-
-
500
-
-
500
-
-
shots
Max Current Surge
10kA (8/20µs)
-
5
-
-
5
-
-
5
-
-
shots
AC Follow-on Current
1/2 cycle @ 60Hz
-
-
-
300
-
-
300
-
-
300
A pk
(1)End-of-life limits are:
DC: 50% of minimum initial DC breakdown voltage limit to 150% of maximum initial DC breakdown voltage limit.
Impulse: less than 150% of initial impulse breakdown voltage limit.
MECHANICAL DIMENSIONS
ORDERING INFORMATION
CG3’s with other breakdown voltages in the 1.0-8.5kV range are
available upon request. A complete part number is represented by
the digits below. For example, CG3-1.5 is a non-leaded 1500V
device, CG3-5.0L is a leaded 5000V device, and CG3-7.5LTR is a
leaded 7500V device on tape-and-reel per EIA standard RS-296-D.
CG3 X.X X XX
Series
CG3
Breakdown Voltage
1.0 = 1000V
1.5 = 1500V
2.0 = 2000V
2.5 = 2500V
3.0 = 3000V
4.0 = 4000V
5.0 = 5000V
7.5 = 7500V
8.5 = 8500V
Shipping Package
TR = Tape & Reel
(Blank) = Bulk
Options
L = Leads
(Blank) = No Leads
Outline A
7.57 ± 0.19
(0.298 ± 0.008)
56.15 ± 1.25
(2.210 ± 0.050)
9.14 DIA.MAX.
(0.360)
3.56
(0.140)
0.81 DIA. TYP.
(0.032)
Outline B
10.11 ± 0.19
(0.398 ± 0.008)
58.67 ± 1.25
(2.310 ± 0.050)
9.14 DIA.MAX.
(0.360)
3.56
(0.140)
0.81 DIA. TYP.
(0.032)
Other lead forms are available upon request.
Contact SRC Devices for more information.
DIMENSIONS
mm
(inches)
Tape & Reel Information
CG3XXLTR - Tape & Reel per EIA RS-296-D. Quantity =
1,000/Reel
CG3XXLTE - Tape & Reel per IEC286-1.
Quantity = 1,000/Reel
SRC
DEVICES
10
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com