Electronic Components Datasheet Search
  English  ▼

X  

EP1201 Datasheet(PDF) 8 Page - Eorex Corporation

Part # EP1201
Description  250mA Ultra Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1201 Datasheet(HTML) 8 Page - Eorex Corporation

  EP1201 Datasheet HTML 1Page - Eorex Corporation EP1201 Datasheet HTML 2Page - Eorex Corporation EP1201 Datasheet HTML 3Page - Eorex Corporation EP1201 Datasheet HTML 4Page - Eorex Corporation EP1201 Datasheet HTML 5Page - Eorex Corporation EP1201 Datasheet HTML 6Page - Eorex Corporation EP1201 Datasheet HTML 7Page - Eorex Corporation EP1201 Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
eorex
EP1201
Jul. 2006
www.eorex.com
8/8
Package Description
SOT-23
MILLIMETERS
INCHES
DIM
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.05
−
1.35
0.041
−
0.053
A1
0.05
−
0.15
0.002
−
0.006
A2
1.00
1.10
1.20
0.039
0.043
0.047
b
0.25
−
0.50
0.010
−
0.020
c
0.08
−
0.20
0.003
−
0.008
D
2.70
2.90
3.00
0.106
0.114
0.118
E
1.50
1.60
1.70
0.059
0.063
0.067
H
2.60
2.80
3.00
0.102
0.110
0.118
e
1.80
1.90
2.00
0.071
0.075
0.079
e1
0.85
0.95
1.05
0.033
0.037
0.041
L
0.50
0.60
0.70
0.020
0.024
0.028
L1
0.30
−
0.60
0.012
−
0.024
θ
0°
5°
10°
0°
5°
10°
θ1
3°
5°
7°
3°
5°
7°
θ2
6°
8°
10°
6°
8°
10°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com