Electronic Components Datasheet Search
  English  ▼

X  

EP1201 Datasheet(PDF) 6 Page - Eorex Corporation

Part # EP1201
Description  250mA Ultra Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1201 Datasheet(HTML) 6 Page - Eorex Corporation

  EP1201 Datasheet HTML 1Page - Eorex Corporation EP1201 Datasheet HTML 2Page - Eorex Corporation EP1201 Datasheet HTML 3Page - Eorex Corporation EP1201 Datasheet HTML 4Page - Eorex Corporation EP1201 Datasheet HTML 5Page - Eorex Corporation EP1201 Datasheet HTML 6Page - Eorex Corporation EP1201 Datasheet HTML 7Page - Eorex Corporation EP1201 Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
eorex
EP1201
Jul. 2006
www.eorex.com
6/8
Typical Performance Characteristics (Continued)
Functional Block Diagram
Functional Description
A minimum of 10µF capacitor must be connected from VOUT to ground to insure stability. Typically a large
storage capacitor is connected from VIN to ground to ensure that the input voltage does not sag below
the minimum dropout voltage during the load transient response. This pin must always be 0.7V higher
than VOUT in order for the device to regulate properly.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com