Electronic Components Datasheet Search
  English  ▼

X  

EP1201 Datasheet(PDF) 3 Page - Eorex Corporation

Part # EP1201
Description  250mA Ultra Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1201 Datasheet(HTML) 3 Page - Eorex Corporation

  EP1201 Datasheet HTML 1Page - Eorex Corporation EP1201 Datasheet HTML 2Page - Eorex Corporation EP1201 Datasheet HTML 3Page - Eorex Corporation EP1201 Datasheet HTML 4Page - Eorex Corporation EP1201 Datasheet HTML 5Page - Eorex Corporation EP1201 Datasheet HTML 6Page - Eorex Corporation EP1201 Datasheet HTML 7Page - Eorex Corporation EP1201 Datasheet HTML 8Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
eorex
EP1201
Jul. 2006
www.eorex.com
3/8
Electrical Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
EP1201-18
VIN=2.8V, IOUT=40mA
1.764
1.800
1.836
VOUT(E)
(Note 1)
Output Voltage
EP1201-33
VIN=4.3V, IOUT=40mA
3.234
3.300
3.366
V
EP1201-18
VIN=2.8V,
VOUT(E)≥1.62V
80
IOUT(max)
Maximum Output
Current
EP1201-33
VIN=4.3V,
VOUT(E)≥2.97V
150
mA
VD1
IOUT=40mA
200
370
VD2
EP1201-18
IOUT=80mA
450
710
VD1
IOUT=80mA
200
360
VD
Dropout
Voltage
(Note 2)
VD2
EP1201-33
IOUT=160mA
450
700
mV
EP1201-18
IOUT=40mA,
2.8V
≤VIN≤10V
0.2
0.3
REGLINE
Line Regulation
(∆VOUT/∆VIN∆VOUT)
EP1201-33
IOUT=40mA,
4.3V
≤VIN≤10V
0.2
0.3
%/V
EP1201-18
VIN=2.8V,
1mA
≤ IOUT ≤40mA
10
30
REGLOAD
Load Regulation
(∆VOUT)
EP1201-33
VIN=4.3V,
1mA
≤ IOUT ≤80mA
20
50
mV
EP1201-18
VIN=2.8V
3.0
5.0
IS
Supply Current
EP1201-33
VIN=4.3V
2.0
5.0
μA
EP1201-18
1.8
10
VIN
Input Voltage
EP1201-33
1.8
10
V
EP1201-18
IOUT=40mA,
-40
°C≤TOPR≤85°C
±100
Output Voltage
Temperature
Characteristics
(∆VOUT/∆TOPR∆VOUT) EP1201-33
IOUT=40mA,
-40
°C≤TOPR≤85°C
±100
ppm/
°C
Note 1:
VOUT(E) = Effective output voltage (i.e. the output voltage when “VOUT+1.0V” is provided while
maintaining a certain IOUT value.
Note 2:
VD = { VIN1
(Note 3) - V
OUT1
(Note 4) }
Note 3:
The input voltage at the time VOUT1 is output input voltage has been gradually reduced.
Note 4:
A voltage equal to 98% of the output voltage when a stabilized (VOUT+ 1.0V) is input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com