Electronic Components Datasheet Search
  English  ▼

X  

MSU001 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # MSU001
Description  20 VOICE SMART
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU001 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  MSU001 Datasheet HTML 1Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 2Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 3Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 4Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 5Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 6Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 7Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 8Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOSEL VITELIC
Pad Descriptions
3/12
PID219D 02/96
1
2
3,4
5
6
7
8,35,34
9-33
38,39,36
37
40,41
42
43
44-47
48
49
50
51
52
53,54
55,56
57,58
59
60-63
64-67
68,69
70,71
Vdd1
Vreg
CUP1,2
X1
X2
CAP
Com1,2,3
SEG1-25
Vss1,2,3
BAK
S4,S3
PWR(alm)
#EB2
TG0,1,2,3
RESET
Vdd2
Rosc
Vss0
Cout
Vout1,2
TG4,5
IOB3,4
VBZ/INT
P1,2,3,4
M1,2,3,4
NC
S2,S1
1
1
2
1
1
1
3
25
3
1
2
1
1
4
1
1
1
1
1
2
2
2
1
4
4
1
2
Power
O
I
I
O
O
O
O
Power
Power
I
I/O
I/O
I/O
I
Power
I
Power
O
O
I/O
I/O
I/O
O
I
NC
I
Positive power supply for CPU function block
Voltage regulator
Voltage doubler capacitor
Crystal Oscillator input, 32768 Hz
Crystal Oscillator Output, 32768 Hz
Phase compensating capacitor
Common plate for LCD panel
25 segment outputs for LCD panel
Negative power supply
BackUp negative power supply
One-way input port; note 1
Pop noise eliminating signal; internally connected to CPU output port
Enable signal to latch section address; internally connected to CPU output port
Trigger address inputs to voice function block; note 2
System reset
Positive supply for voice function block, internally connected to pad 1
Oscillator Resistor for voice function block
Negative power supply for voice signal
Audio signal current output
Audio signal voltage output
Trigger address inputs to voice function block; note 3
Bidirectional input/output port, 2 bits
Busy status output; internally connected to INT (interrupt request) pin of CPU
One-way output port, 4 bits
One-way input port; note 1
No connection
One-way input port, note 1
Note 1. with chatter removal time for either 8 ms (ph8) or 2 ms (ph6)
Note 2. internally connected to CPU I/O port, IOA1=TG0, IOA2=TG1, IOA3=TG2, IOA4=TG3
Note 3. internally connected to CPU I/O port, IOB1=TG4, IOB2=TG5
Pad No.
Signal
I/O
F u n c t i o n s
MSu001/u001T
Vss1
BAK
Vreg
CAP
X1
S1,2,3,4
M1,2,3,4
(IOA1,2,3,4)TG0,1,2,3
IOB1,2,3,4
VBZ/INT
RESET
Rosc
X2
PWR(ALM)
#EB2
P1,2,3,4
SEG1-25
COM1,2,3
CUP1,2
Vout1,2
T(operating)
T(storage)
1.2-1.8
0.0-0.6
0.0-0.6
Vreg-Vd
Vreg-Vdd
Vss-Vdd
Vss-Vdd
Vss-Vdd
Vss-Vdd
Vss-Vdd
Vss-Vdd
Vss-Vdd
Vreg-Vdd
Vss-Vdd
Vss-Vdd
Vss3-Vdd
Vss3-Vdd
Vss3-Vdd
Vss3-Vdd
Vss-Vdd
-60-+60
-55-+125
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
Degree C
Degree C
Symbol
Rating
Unit
Symbol
Rating
Unit
Absolute Maximum Rating (Vdd=3.0V, Vss=Vss2=0.0V, Vss3=0.0V/-1.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com