Electronic Components Datasheet Search
  English  ▼

X  

MSU001 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # MSU001
Description  20 VOICE SMART
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU001 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  MSU001 Datasheet HTML 1Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 2Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 3Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 4Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 5Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 6Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 7Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 8Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MOSEL VITELIC
DC Characteristics at 3.0 Vdd (u001,u001T)
4/12
PID219D 02/96
I sb
I op
I ohv
I oLv
I co
d F/F
d F/F
R osc
R osc
Vdd
Vdd
Vouts
Vouts
Cout
Cout
Rosc
Rosc
Rosc
Rosc
stand by I
operation I
output high I
output low I
cuurent output
frequency stability
frequency variation
oscillation R
oscillation R
-
-
-
-
-
-
-5
-10
-
-
-
-
1
0.2
5
5
2.5
1.5
-
-
1.2
880
1.1
830
-
-
-
-
-
-
5
10
-
-
-
-
uA
mA
mA
mA
mA
mA
%
%
Mohm
kohm
Mohm
kohm
DC Characteristics at 4.5 Vdd (u001, u001T)
I sb
I op
I ohv
I oLv
I co
V ohp
V oLp
V ohw
V oLw
V ohio
V oLio
V ohc
V oLc
V ohg
V oLg
d F/F
d F/F
R isn
R isf
R imn
R imf
R inh
R inL
R ir
R osc
R osc
stand by I
operation I
output high I
output low I
current output
o/p high V
o/p low V
o/p low V
o/p high V
o/p low V
o/p high V
o/p low V
o/p high V
o/p low V
o/p high V
frequency stability
frequency variation
input R when on
input R when off
input R when on
input R when off
input R
input R
input R
oscillation R
oscillation R
Vdd
Vdd
Vouts
Vouts
Cout
Cout
P port
P port
PWR
PWR
i/o port
i/o port
Com
Com
Seg's
Seg's
S port
S port
M port
M port
VBZ,INT
VBZ,INT
RESET
Rosc
Rosc
Rosc
Rosc
-
-
-
-
-
-
*-0.4V
*-0.4V
*-0.4V
*-0.4V
*-0.4V
-5
-10
-
-
-
-
-
-
-
-
-
-
-
1
0.8
12
12
4
2.5
-
-
330
30
30
30
140
3
18
1.2
910
1.1
800
-
-
-
-
-
-
*+0.4V
*+0.4V
*+0.4V
*+0.4V
*+0.4V
5
10
-
-
-
-
-
-
-
-
-
-
-
uA
mA
mA
mA
mA
mA
V
V
V
V
V
V
V
V
V
V
%
%
kohm
kohm
kohm
kohm
kohm
kohm
kohm
Mohm
kohm
Mohm
kohm
Symbol
Name
Valid
Min.
Typ.
Max.
Unit
Remarks
Symbol
Name
Valid
Min.
Typ.
Max.
Unit
Remarks
u001
u001T
[Fosc(3.0V)-Fosc(2.7V)]/Fosc(3.0V)
6 KHz S.R., 1.2 Mohm Rosc
S.R.=6000 Hz, u001
S.R.=8000 Hz, u001
S.R.=6000 Hz, u001T
S.R.=8000 Hz, u001T
u001
u001T
I oh = -400 uA
I oL = 400 uA
I oh = -1 mA
I oL = 1 mA
I oh = -100 uA
I oL = 100 uA
I oh = -4 uA
I oL = 4 uA
I oh = -0.4 uA
I oL = 0.4 uA
[Fosc(4.5V)-Fosc(4.0V)]/Fosc(4.5V)
6 KHz S.R., 1.2 Mohm Rosc
pulldown X'tor=on & note 1
pulldown X'tor=off, halt mode & note 1
pulldown X'tor=on & note 1
pulldown X'tor=off, halt mode & note 1
Vss2=0V, Vi=Vdd, VBZ=high
Vss2=0V, Vi=Vdd, VBZ=low
Vss2=0V, Vi=Vdd
S.R.=6000 Hz, u001
S.R.=8000 Hz, u001
S.R.=6000 Hz, u001T
S.R.=8000 Hz, u001T
Note 1. Vss2=0V, Vi=Vss2+0.4V
Note 2. *:= Vdd
MSu001/u001T
COM1
COM2
COM2
Alternating Frequency
Static
V
-
-
32 Hz
1/2 duty
V
V
-
32 Hz
1/3 duty
V
V
V
43 Hz
Common Plate Usage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com