Electronic Components Datasheet Search
  English  ▼

X  

MSU001 Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # MSU001
Description  20 VOICE SMART
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU001 Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button MSU001 Datasheet HTML 4Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 5Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 6Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 7Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 8Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 9Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 10Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 11Page - Mosel Vitelic, Corp MSU001 Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MOSEL VITELIC
9/12
PID219D 02/96
MSu001/u001T
Application Circuit
1
2
3
4
5
6
8
9
11 1213 14 1516 17
2122 23 24
27 28
30 31
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
51
52
53
54
55
56
57
58
59
60
61
62
63
64
66
67
68
69
71
70
7
18 19 20
25 26
29
Substrate is Vdd
4290 x 3670 um
Pad size : 90 x 90 um
Rosc
P1
P2
P3
P4
VBZ/INT
T
G
4
Buzzer
VSS0
RES
TG3
TG2
TG1
TG0
EB2
PWR
S3
S4
VSS2
VSS1
BAK
VSS3
COM2
COM3
SEG25
SEG25
COM3
COM2
SEG16
SEG8
SEG1
COM1
COM1
SEG1
CAP
X2
32768Hz
CUP1
S1
S2
M4
LCD (1/3 duty , 1/2 bias)
Note:
1. T(transistor) = ß > 150, R2=470
Ω ,S(speaker) = 1/4 w, 8 Ω; all typical.
2. R2=470
Ω ( typical ) to bypass extra current into base to get rid of waveform saturation on collector .
3. Piezo buzzer resonant frequency is around 1K Hz.
4. All the above components need to adjust possibly case by case to meet required performance.
5. Vout1,Vout2 are tristate during stand by.
+
-
R2
CUP2
X1
0.1u
0.1u
0.1u
VDD
0.1u
M3 M2 M1
T
G
5
Vout1
Vout2
Reset
Taiwan
#1, Creation Road I,
Science-based Industrial Park,
Hsinchu 30077
Taiwan, ROC
"taylor_hsiao@ccmail.mosel.com.tw"
TEL: 886-35-770055
FAX: 886-35-772788
FAX: 886-35-784732
Taipei
7F, #102 Section 3,
Ming Chung East Road,
Taipei,
Taiwan, ROC
TEL: 886-2-5451213
FAX: 886-2-5451214
Hongkong
#19 Dai Fu Street,
Taipo Industrial Estate,
Taipo, N.T.
Hongkong
TEL: 852-2388-8277
TEL: 852-2665-4883
FAX: 852-2664-2406
FAX: 852-2770-8011
U.S.A.
#3910 North First Street,
San Jose,
CA.65134-1501
U.S.A.
TEL: 1-408-433-6000
FAX: 1-408-433-0952
MS
µ001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com