Electronic Components Datasheet Search
  English  ▼

X  

ICL3232IBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICL3232IBZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICL3232IBZ Datasheet HTML 9Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 10Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 11Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 12Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 13Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 14Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 15Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 16Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
4. Application Information
FN4805 Rev.23.00
Page 13 of 36
Apr.26.19
4.
Application Information
The ICL32xx interface ICs operate from a single +3V to +5.5V supply, ensure a 250kbps minimum data rate,
require only four small external 0.1µF capacitors, feature low-power consumption, and meet all ElA RS-232C and
V.28 specifications. The circuit is divided into three sections:
• Charge-pump
• Transmitters
• Receivers
4.1
Charge Pump
The ICL32xx family uses regulated on-chip dual charge pumps as voltage doublers, and voltage inverters to
generate ±5.5V transmitter supplies from a VCC supply as low as 3.0V, which allows these devices to maintain
RS-232 compliant output levels over the ±10% tolerance range of 3.3V powered systems. The efficient on-chip
power supplies require only four small, external 0.1µF capacitors for the voltage doubler and inverter functions at
VCC = 3.3V. See Capacitor Selection and Table 6 on page 19 for capacitor recommendations for other operating
conditions. The charge pumps operate discontinuously (for example, they turn off as soon as the V+ and V-
supplies are pumped up to the nominal values), resulting in significant power savings.
4.1.1 Charge Pump Absolute Maximum Ratings
These 3V to 5V RS-232 transceivers have been fully characterized for 3.0V to 3.6V operation, and at critical
points for 4.5V to 5.5V operation. Furthermore, load conditions were favorable using static logic states only.
The specified maximum values for V+ and V- are +7V and -7V, respectively. These limits apply for VCC values set
to 3.0V and 3.6V (see Table 2). For VCC values set to 4.5V and 5.5V, the maximum values for V+ and V- can
approach +9V and -7V respectively (see Table 3). The breakdown characteristics for V+ and V- were measured
with ±13V.
Table 2.
V+ and V- Values for VCC = 3.0V to 3.6V
C1 (μF)
C2, C3, C4 (μF)
Load
T1IN (Logic
State)
V+ (V)
V- (V)
VCC = 3.0V
VCC = 3.6V
VCC = 3.0V
VCC = 3.6V
0.1
0.1
Open
H
5.8
6.56
-5.6
-5.88
L
5.8
6.56
-5.6
-5.88
2.4kbps
5.8
6.56
-5.6
-5.88
3kΩ // 1000pF
H
5.88
6.6
-5.56
-5.92
L
5.76
6.36
-5.56
-5.76
2.4kbps
6
6.64
-5.64
-5.96
0.047
0.33
Open
H
5.68
6
-5.6
-5.6
L
5.68
6
-5.6
-5.6
2.4kbps
5.68
6
-5.6
-5.6
3kΩ // 1000pF
H
5.76
6.08
-5.64
-5.64
L
5.68
6.04
-5.6
-5.6
2.4kbps
5.84
6.16
-5.64
-5.72
1
1
Open
H
5.88
6.24
-5.6
-5.6
L
5.88
6.28
-5.6
-5.64
2.4kbps
5.8
6.2
-5.6
-5.6
3kΩ // 1000pF
H
5.88
6.44
-5.64
-5.72
L
5.88
6.04
-5.64
-5.64
2.4kbps
5.92
6.4
-5.64
-5.64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com