Electronic Components Datasheet Search
  English  ▼

X  

ICL3232IBZ Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ICL3232IBZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IBZ Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ICL3232IBZ Datasheet HTML 13Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 14Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 15Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 16Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 17Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 18Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 19Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 20Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
4. Application Information
FN4805 Rev.23.00
Page 17 of 36
Apr.26.19
With any of the above control schemes, the time required to exit powerdown and resume transmission is only
100µs. A mouse or other application may need more time to wake up from shutdown. If automatic powerdown is
being used, the RS-232 device reenters powerdown if valid receiver levels are not re-established within 30µs of
the ICL32xx powering up. Figure 11 on page 18 shows a circuit that keeps the ICL32xx from initiating automatic
Figure 8. Power Drain Through Powered Down Peripheral
Figure 9. Disabled Receivers Prevent Power Drain
Figure 10. Connections for Manual Powerdown when No Valid Receiver Signals are Present
Old
VCC
Powered
GND
SHDN = GND
VCC
Rx
Tx
VCC
Current
VOUT = VCC
Flow
RS-232 Chip
Down
UART
ICL324X
Transition
RX
TX
R2OUTB
R2OUT
T1IN
FORCEOFF = GND
VCC
VCC
To
R2IN
T1OUT
VOUT = HI-Z
Powered
OR SHDN = GND, EN = VCC
Detector
Down
UART
Wake-Up
Logic
PWR
FORCEOFF
INVALID
CPU
I/O
FORCEON
ICL3221/23/43
MGT
Logic
UART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com