Electronic Components Datasheet Search
  English  ▼

X  

ICL3232IBZ Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ICL3232IBZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232IBZ Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ICL3232IBZ Datasheet HTML 14Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 15Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 16Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 17Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 18Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 19Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 20Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 21Page - Renesas Technology Corp ICL3232IBZ Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
4. Application Information
FN4805 Rev.23.00
Page 18 of 36
Apr.26.19
power-down for 100ms after powering up, which gives the slow-to-wake peripheral circuit time to re-establish valid
RS-232 output levels.
4.5.3 Automatic Powerdown (ICL3221/23/43 Only)
Even greater power savings are available by using the ICL3221, ICL3223, or ICL3243's automatic powerdown
function. When no valid RS-232 voltages (See Figure 12) are sensed on any receiver input for 30
μs, the
charge-pump and transmitters powerdown, thereby reducing supply current to 1µA. Invalid receiver levels occur
whenever the driving peripheral’s outputs are shut off (powered down) or when the RS-232 interface cable is
disconnected. The ICL32xx devices power back up whenever they detect a valid RS-232 voltage level on any
receiver input, which provides additional system power savings without changes to the existing operating system.
Automatic powerdown operates when the FORCEON input is low, and the FORCEOFF input is high. Tying
FORCEON high disables automatic powerdown, but manual powerdown is always available using the overriding
FORCEOFF input. Table 5 on page 15 summarizes the automatic powerdown functionality.
Devices with the automatic powerdown feature include an INVALID output signal, which switches low to indicate
that invalid levels have persisted on all of the receiver inputs for more than 30µs (See Figure 13). INVALID
switches high 1µs after detecting a valid RS-232 level on a receiver input. INVALID operates in all modes (forced
or automatic powerdown, or forced on), so it is also useful for systems employing manual powerdown circuitry.
When automatic powerdown is used, INVALID = 0 indicates that the ICL32xx is in powerdown mode.
Figure 11. Circuit to Prevent Auto Powerdown for 100ms After Forced Power-UP
Figure 12. Definition of Valid RS-232 Receiver Levels
ICL3221/23/43
FORCEOFF
FORCEON
Power
Master Powerdown Line
1MΩ
0.1µF
Management
Unit
0.3V
-0.3V
-2.7V
2.7V
Invalid Level - Powerdown Occurs After 30ms
Valid RS-232 Level - ICL32xx is Active
Valid RS-232 Level - ICL32xx is Active
Indeterminate - Powerdown May or
Indeterminate - Powerdown May or
May Not Occur
May Not Occur



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com