Electronic Components Datasheet Search
  English  ▼

X  

PCA9601 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9601
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9601 Datasheet HTML 1Page - NXP Semiconductors PCA9601 Datasheet HTML 2Page - NXP Semiconductors PCA9601 Datasheet HTML 3Page - NXP Semiconductors PCA9601 Datasheet HTML 4Page - NXP Semiconductors PCA9601 Datasheet HTML 5Page - NXP Semiconductors PCA9601 Datasheet HTML 6Page - NXP Semiconductors PCA9601 Datasheet HTML 7Page - NXP Semiconductors PCA9601 Datasheet HTML 8Page - NXP Semiconductors PCA9601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
3 Applications
• Interface between I2C-buses operating at different logic levels (for example, 5 V and 3
V or 15 V)
• Interface between I2C-bus and SMBus (350 μA) standard or Fm+ standard
• Simple conversion of I2C-bus SDA or SCL signals to multi-drop differential bus
hardware, for example, via compatible PCA82C250
• Interfaces with opto-couplers to provide opto-isolation between I2C-bus nodes up to 1
MHz
• Long distance point-to-point or multipoint architectures
4 Ordering information
Package
Type number
Topside
marking
Name
Description
Version
PCA9601D
PCA9601
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9601DP
9601
TSSOP8
plastic thin shrink small outline package; 8 leads; body width 3 mm SOT505-1
Table 1. Ordering information
4.1 Ordering options
Type number
Orderable part
number
Package
Packing method [1]
Minimum order
quantity
Temperature
PCA9601D
PCA9601D,118
SO8
REEL 13" Q1/T1
*STANDARD MARK SMD
2500
Tamb = -40 °C to +85 °C
PCA9601DP,118
TSSOP8
REEL 13" Q1/T1
*STANDARD MARK SMD
2500
Tamb = -40 °C to +85 °C
PCA9601DP
PCA9601DPZ [2]
TSSOP8
REEL 13" Q1/T1 SSB [3]
2500
Tamb = -40 °C to +85 °C
Table 2. Ordering options
[1]
Standard packing quantities and other packaging data are available at www.nxp.com/packages/.
[2]
Orderable part number PCA9601DPZ is drop in alternate for PCA9601DP,118
[3]
This packing method uses a Static Shielding Bag (SSB) solution. Material should be kept in the sealed bag between uses.
5 Block diagram
PCA9601
SX (SDA)
RX (RxD, SDA)
SY (SCL)
TX (TxD, SDA)
TY (TxD, SCL)
GND
RY (RxD, SCL)
002aae873
VCC (2.5 V to 15 V)
8
1
7
4
3
2
5
6
static level offset
card side
higher drive,
longer distance side
Figure 1. Block diagram of PCA9601
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
2 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com