Electronic Components Datasheet Search
  English  ▼

X  

PCA9601 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9601
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9601 Datasheet HTML 9Page - NXP Semiconductors PCA9601 Datasheet HTML 10Page - NXP Semiconductors PCA9601 Datasheet HTML 11Page - NXP Semiconductors PCA9601 Datasheet HTML 12Page - NXP Semiconductors PCA9601 Datasheet HTML 13Page - NXP Semiconductors PCA9601 Datasheet HTML 14Page - NXP Semiconductors PCA9601 Datasheet HTML 15Page - NXP Semiconductors PCA9601 Datasheet HTML 16Page - NXP Semiconductors PCA9601 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
Refer to Figure 15.
Set master
nominal SCL
VCC1
(V)
+V
cable
(V)
VCC2
(V)
R1
(Ω)
R2
(kΩ)
C2
(pF)
Cable
length
(m)
Cable
capacitance
Cable
delay
HIGH
period
(ns)
LOW
period
(ns)
Effective
bus
clock
speed
(kHz)
Max. slave
response
delay
5
12
5
750 2.2
400 250
n/a (delay
based)
1.25 μs 600
3 850
125
normal
specification
400 kHz parts
5
12
5
750 2.2
220 100
n/a (delay
based)
500 ns
600
2 450
195
normal
specification
400 kHz parts
3.3
5
3.3
330 1
220 25
1 nF
125 ns
260
770
620
meets Fm+
specification
3.3
5
3.3
330 1
100 3
120 pF
15 ns
260
720
690
meets Fm+
specification
Table 7. Examples of bus capability
For more examples of faster alternatives for driving over longer cables such as Cat5
communication cable, see AN10658. Communication at 1 MHz is possible over short
cables and > 400 kHz is possible over 50 m of cable.
10.1 Calculating system delays and bus clock frequency
PCA9601
PCA9601
SCL
SX
local master bus
VCCM
SCL
MASTER
I2C-BUS
Cs
slave bus
capacitance
Cb
buffered bus
wiring capacitance
Cm
master bus
capacitance
Rm
GND (0 V)
VCCB
buffered expansion bus
TX/RX
TX/RX
SX
Rb
Rs
I2C-BUS
SLAVE
VCCS
remote slave bus
002aae880
Effective delay of SCL at slave: 120 + 17VCCM + (2.5 + 4 × 109 × Cb) × VCCB + 10VCCS (ns).
C = F; V = V.
Figure 16. Falling edge of SCL at master is delayed by the buffers and bus fall times
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
13 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com