Electronic Components Datasheet Search
  English  ▼

X  

PCA9601 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9601
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9601 Datasheet HTML 2Page - NXP Semiconductors PCA9601 Datasheet HTML 3Page - NXP Semiconductors PCA9601 Datasheet HTML 4Page - NXP Semiconductors PCA9601 Datasheet HTML 5Page - NXP Semiconductors PCA9601 Datasheet HTML 6Page - NXP Semiconductors PCA9601 Datasheet HTML 7Page - NXP Semiconductors PCA9601 Datasheet HTML 8Page - NXP Semiconductors PCA9601 Datasheet HTML 9Page - NXP Semiconductors PCA9601 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
Detail
PCA9601/PCA9600
P82B96
TX/RX switching specifications (I2C-bus
compliant):
yes, all classes including 1 MHz Fm+ yes, all classes including Fm+
RX logic levels with tighter control than I2C-
bus limit of 30 % to 70 %:
yes, 40 % to 55 % (48 % nominal)
yes, 42 % to 58 % (50 % nominal)
Maximum bus speed:
> 1 MHz
> 400 kHz
ESD rating HBM per JESD22-A114:
> 3500 V
> 3500 V
Package:
SO8, TSSOP8 (MSOP8)
SO8, TSSOP8 (MSOP8)
Table 4. PCA9601/PCA9600 versus P82B96...continued
When the device driving the PCA9601/PCA9600 is an I2C-bus compatible device, then
the PCA9601 is an improvement on the P82B96 as shown in Table 4. There will always
be exceptions however, and if the device driving the bus buffer is not I2C-bus compatible
(e.g., you need to use the micro already in the system and bit-bang using two GPIO pins)
then here are some considerations that would point to using the P82B96 instead:
• When the pull-up must be the weakest one possible. The spec is 200 μA for P82B96,
but it typically works even below that. And if designing for a temperature range -40 °C
up to +60 °C, then the driver when sinking 200 μA only needs to drive a guaranteed low
of 0.55 V. For the PCA9601/PCA9600, over that same temperature range and when
sinking 1.3 mA (at -40 °C), the device driving the bus buffer must provide the required
low of 0.425 V.
• When the lower operating temperature range is restricted (say 0 °C). The P82B96
larger SX voltage levels then make a better
typical match with the driver, even when
the supply is as low as 3.3 V.
For an I2C-bus compliant driver on 3.3 V the P82B96 is required to guarantee a bus
low that is below 0.83 V. P82B96 guarantees that with a 200 μA pull-up.
• When the operating temperature range is restricted at both limits. An I2C driver's typical
output is well below 0.4 V and the P82B96 typically requires 0.6 V input even at +60
°C, so there is a reasonable margin. The PCA9601/PCA9600 requires a typical input
low of 0.5 V so its typical margin is smaller. At 0 °C the driver requires a typical input
low of 1.16 V and P82B96 provides 0.75 V, so again the typical margin is already quite
big and even though PCA9601/PCA9600 is better, providing 0.7 V, that difference is not
big.
8 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Voltages with respect to pin GND.
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
VCC to GND
-0.3
+18
V
VI2C-bus
I2C-bus voltage
SX and SY; I2C-bus
SDA or SCL
-0.3
+18
V
VO
output voltage
TX and TY; buffered
output
[1] -0.3
+18
V
VI
input voltage
RX and RY; receive
input
[1] -0.3
+18
V
Table 5. Limiting values
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
6 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com