Electronic Components Datasheet Search
  English  ▼

X  

SST29EE010 Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

Part # SST29EE010
Description  1 Megabit (128K x8) Page-Mode EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE010 Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST29EE010 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17
© 2000 Silicon Storage Technology, Inc.
304-3 6/00
1 Megabit Page-Mode EEPROM
SST29EE010 / SST29LE010 / SST29VE010
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
FIGURE 12: AC INPUT/OUTPUT REFERENCE WAVEFORMS
FIGURE 13: A TEST LOAD EXAMPLE
304 ILL F13.0
TEST LOAD EXAMPLE
TO TESTER
TO DUT
CL
RL LOW
RL HIGH
VCC
304 ILL F12.1
REFERENCE POINTS
OUTPUT
INPUT
VHT
VLT
VHT
VLT
VIHT
VILT
AC test inputs are driven at VIHT (2.4 V) for a logic “1” and VILT (0.4 V) for a logic “0”. Measurement reference points for
inputs and outputs are VHT (2.0 V) and VLT (0.8 V). Inputs rise and fall times (10%
« 90%) are <10 ns.
Note: VHT–VHIGH Test
VLT–VLOW Test
VIHT–VINPUT HIGH Test
VILT–VINPUT LOW Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com