Electronic Components Datasheet Search
  English  ▼

X  

SST29EE010 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST29EE010
Description  1 Megabit (128K x8) Page-Mode EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE010 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST29EE010 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST29EE010 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
© 2000 Silicon Storage Technology, Inc.
304-3 6/00
1 Megabit Page-Mode EEPROM
SST29EE010 / SST29LE010 / SST29VE010
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
FIGURE 5: CE# CONTROLLED PAGE-WRITE CYCLE TIMING DIAGRAM
FIGURE 6: DATA# POLLING TIMING DIAGRAM
304 ILL F06.0
CE#
OE#
WE#
TWC + TBLCO
D#
TOE
TOEH
TCE
TOES
D#
D
ADDRESS A16-0
DQ 7
D
304 ILL F05.1
CE#
OE#
WE#
ADDRESS A16-0
DQ 7-0
SW0
AA
55
A0
DATA VALID
SW1
SW2
BYTE 0
BYTE 1
BYTE 127
TDS
TDH
TBLC
TBLCO
TWC
TCP
TOEH
TOES
TCH
TCS
TAH
TAS
5555
Three-Byte Sequence for
Enabling SDP
2AAA
5555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com