Electronic Components Datasheet Search
  English  ▼

X  

FN6046 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FN6046
Description  5V, Low Power, High Speed, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6046 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FN6046 Datasheet HTML 1Page - Renesas Technology Corp FN6046 Datasheet HTML 2Page - Renesas Technology Corp FN6046 Datasheet HTML 3Page - Renesas Technology Corp FN6046 Datasheet HTML 4Page - Renesas Technology Corp FN6046 Datasheet HTML 5Page - Renesas Technology Corp FN6046 Datasheet HTML 6Page - Renesas Technology Corp FN6046 Datasheet HTML 7Page - Renesas Technology Corp FN6046 Datasheet HTML 8Page - Renesas Technology Corp FN6046 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ISL8485, ISL8490, ISL8491
FN6046 Rev 10.02
Page 5 of 15
Oct 2, 2023
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to (VCC +0.5V)
Input/Output Voltages
A, B, Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -8V to +12.5V
RO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to (VCC +0.5V)
Short Circuit Duration
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Rating
HBM (Per MIL-STD-883, Method 3015.7) . . . . . . . . . . . . . . >7kV
Operating Conditions
Temperature Range
ISL84XXCX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
ISL84XXIX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Note 5)
JA (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
170
8 Ld PDIP Package (Note 6) . . . . . . . . . . . . . . . . . .
140
14 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
120
Moisture Sensitivity (see TB363)
All Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile (SOIC only). . . . . . . . . . . . . . . . . see TB493
CAUTION: Stresses above those listed in Absolute Maximum Ratings can permanently damage the device. This is a stress only rating.Operation of the device at these
or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
5.
JA is measured with the component mounted on a low-effective thermal conductivity test board in free air. See TB379 for details.
6. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; unless otherwise specified. Typical values are at VCC = 5V,
TA = +25°C, Note 7
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Driver Differential VOUT (No Load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT (with
Load)
VOD2
R = 50Ω (RS-422), Figure 1
Full
2
3
-
V
R = 27Ω (RS-485), Figure 1
Full
1.5
2.3
5
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
VOD
R = 27Ω or 50Ω, Figure 1
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
R = 27Ω or 50Ω, Figure 1
Full
-
-
3
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
VOC
R = 27Ω or 50Ω, Figure 1
Full
-
0.01
0.2
V
Logic Input High Voltage
VIH
DE, DI, RE
Full
2
-
-
V
Logic Input Low Voltage
VIL
DE, DI, RE
Full
-
-
0.8
V
Logic Input Current
IIN1
DI (ISL8485, ISL8490, ISL8491)
Full
-2
-
2
µA
IIN1
DE, RE (ISL8485, ISL8491)
Full
-25
-
25
µA
Input Current (A, B), Note 10
IIN2
DE = 0V, VCC = 0V or
4.5 to 5.5V
VIN = 12V
Full
-
-
1
mA
VIN = -7V
Full
-
-
-0.8
mA
Receiver Differential Threshold
Voltage
VTH
-7V ≤ VCM ≤ 12V
Full
-0.2
-
0.2
V
Receiver Input Hysteresis
VTH
VCM = 0V
25
-
70
-
mV
Receiver Output High Voltage
VOH
IO = -4mA, VID = 200mV
Full
3.5
-
-
V
Receiver Output Low Voltage
VOL
IO = -4mA, VID = 200mV
Full
-
-
0.4
V
Three-State (high impedance)
Receiver Output Current
IOZR
0.4V ≤ VO ≤ 2.4V
Full
-
-
1µA
Receiver Input Resistance
RIN
-7V ≤ VCM ≤ 12V
Full
12
-
-
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com