Electronic Components Datasheet Search
  English  ▼

X  

FN6046 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # FN6046
Description  5V, Low Power, High Speed, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6046 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button FN6046 Datasheet HTML 8Page - Renesas Technology Corp FN6046 Datasheet HTML 9Page - Renesas Technology Corp FN6046 Datasheet HTML 10Page - Renesas Technology Corp FN6046 Datasheet HTML 11Page - Renesas Technology Corp FN6046 Datasheet HTML 12Page - Renesas Technology Corp FN6046 Datasheet HTML 13Page - Renesas Technology Corp FN6046 Datasheet HTML 14Page - Renesas Technology Corp FN6046 Datasheet HTML 15Page - Renesas Technology Corp FN6046 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ISL8485, ISL8490, ISL8491
FN6046 Rev 10.02
Page 12 of 15
Oct 2, 2023
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please visit out website to make
sure that you have the latest revision.
DATE
REVISION
CHANGE
Oct 2, 2023
10.02
Updated POD M8.15 to the latest version (corrected typo).
Oct 14, 2021
10.01
Fixed the formatting on Ordering table.
Removed Related Literature section.
Updated POD M8.15 to the latest version, changes are as follows:
-Added the coplanarity spec into the drawing.
Updated POD M14.15 to the latest version, changes are as follows:
-Added lead length dimension (1.27 – 0.40)
-Changed angle of the lead to 0-8 degrees.
Oct 18, 2018
10.00
Removed ISL8483, ISL8488, and ISL8489 information from the datasheet.
Updated Typical Operating Circuits on page 2.
Updated Features bullets on page 1.
Added Related Literature section to page 1.
Updated Ordering Information table on page 3:
-Added Tape and Reel column.
-Added information about replacements for the ISL8485CPZ and ISL8485IPZ.
Removed About Intersil section and updated Renesas disclaimer.
Feb 16, 2016
9.00
Added Rev History and About Intersil verbiage.
Updated “Ordering Information” table on page 3.
Updated following PODs to current revisions listing POD updates:
POD M8.15:
Updated to new POD format by removing table and moving dimensions
onto drawing and adding land pattern
Changed in Typical Recommended Land Pattern the following:
2.41(0.095) to 2.20(0.087)
0.76 (0.030) to 0.60(0.023)
0.200 to 5.20(0.205)
Changed Note 1 "1982" to "1994
POD M14.15
Added land pattern and moved dimensions from table onto drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com