Electronic Components Datasheet Search
  English  ▼

X  

FN6046 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # FN6046
Description  5V, Low Power, High Speed, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6046 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button FN6046 Datasheet HTML 2Page - Renesas Technology Corp FN6046 Datasheet HTML 3Page - Renesas Technology Corp FN6046 Datasheet HTML 4Page - Renesas Technology Corp FN6046 Datasheet HTML 5Page - Renesas Technology Corp FN6046 Datasheet HTML 6Page - Renesas Technology Corp FN6046 Datasheet HTML 7Page - Renesas Technology Corp FN6046 Datasheet HTML 8Page - Renesas Technology Corp FN6046 Datasheet HTML 9Page - Renesas Technology Corp FN6046 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ISL8485, ISL8490, ISL8491
FN6046 Rev 10.02
Page 6 of 15
Oct 2, 2023
No-Load Supply Current, Note 8
ICC
ISL8490, ISL8491, DE, DI, RE = 0V or VCC
Full
-
500
565
µA
ISL8485, DI, RE = 0V or
VCC
DE = VCC
Full
-
700
900
µA
DE = 0V
Full
-
500
565
µA
Driver Short-Circuit Current,
VO = High or Low
IOSD1
DE = VCC, -7V ≤ VY or VZ ≤ 12V, Note 9
Full
35
-
250
mA
Receiver Short-Circuit Current
IOSR
0V ≤ VO ≤ VCC
Full
7
-
85
mA
SWITCHING CHARACTERISTICS (ISL8485, ISL8490, ISL8491)
Driver Input to Output Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF, Figure 2
Full
18
30
50
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF, Figure 2
Full
-
2
10
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF, Figure 2
Full
3
11
25
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND, Figure 3
Full
-
17
70
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC, Figure 3
Full
-
14
70
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND, Figure 3
Full
-
19
70
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, Figure 3
Full
-
13
70
ns
Receiver Input to Output Delay
tPLH, tPHL Figure 4
Full
30
40
150
ns
Receiver Skew | tPLH - tPHL |tSKD
Figure 4
25
-
5
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND, Figure 5
Full
-
9
50
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC, Figure 5
Full
-
9
50
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND, Figure 5
Full
-
9
50
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, Figure 5
Full
-
9
50
ns
Maximum Data Rate
fMAX
Note 11
Full
5
-
-
Mbps
NOTES:
7. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
8. Supply current specification is valid for loaded drivers when DE = 0V.
9. Applies to peak current. See “Typical Performance Curves” on page 10 for more information.
10. Devices meeting these limits are denoted as “single unit load (1 UL)” transceivers. The RS-485 standard allows up to 32 unit loads on the bus.
11. Ensured by characterization, but not tested.
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; unless otherwise specified. Typical values are at VCC = 5V,
TA = +25°C, Note 7 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com