Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3759
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3759 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3759 Datasheet HTML 12Page - Analog Devices LT3759 Datasheet HTML 13Page - Analog Devices LT3759 Datasheet HTML 14Page - Analog Devices LT3759 Datasheet HTML 15Page - Analog Devices LT3759 Datasheet HTML 16Page - Analog Devices LT3759 Datasheet HTML 17Page - Analog Devices LT3759 Datasheet HTML 18Page - Analog Devices LT3759 Datasheet HTML 19Page - Analog Devices LT3759 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LT3757/LT3757A
16
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 6. The Output Ripple Waveform of a Boost Converter
VOUT
(AC)
tON
ΔVESR
RINGING DUE TO
TOTAL INDUCTANCE
(BOARD + CAP)
ΔVCOUT
3757 F06
tOFF
Boost Converter: Output Diode Selection
To maximize efficiency, a fast switching diode with low
forward drop and low reverse leakage is desirable. The
peak reverse voltage that the diode must withstand is
equal to the regulator output voltage plus any additional
ringing across its anode-to-cathode during the on-time.
The average forward current in normal operation is equal
to the output current, and the peak current is equal to:
ID(PEAK) = IL(PEAK) = 1+
χ
2
⎛
⎝⎜
⎞
⎠⎟ •IL(MAX)
It is recommended that the peak repetitive reverse voltage
rating VRRM is higher than VOUT by a safety margin (a 10V
safety margin is usually sufficient).
The power dissipated by the diode is:
PD = IO(MAX) • VD
and the diode junction temperature is:
TJ = TA + PD • RθJA
The RθJA to be used in this equation normally includes
the RθJC for the device plus the thermal resistance from
the board to the ambient temperature in the enclosure.
TJ must not exceed the diode maximum junction tem-
perature rating.
Boost Converter: Output Capacitor Selection
Contributions of ESR (equivalent series resistance), ESL
(equivalent series inductance) and the bulk capacitance
must be considered when choosing the correct output
The choice of component(s) begins with the maximum
acceptable ripple voltage (expressed as a percentage of
the output voltage), and how this ripple should be divided
between the ESR step ∆VESR and the charging/discharg-
ing ∆VCOUT. For the purpose of simplicity, we will choose
2% for the maximum output ripple, to be divided equally
between ∆VESR and ∆VCOUT. This percentage ripple will
change, depending on the requirements of the application,
and the following equations can easily be modified. For a
1% contribution to the total ripple voltage, the ESR of the
output capacitor can be determined using the following
equation:
ESRCOUT ≤
0.01• VOUT
ID(PEAK)
capacitors for a given output ripple voltage. The effect of
these three parameters (ESR, ESL and bulk C) on the out-
put voltage ripple waveform for a typical boost converter
is illustrated in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com