Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3759
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3759 Datasheet(HTML) 2 Page - Analog Devices

  LT3759 Datasheet HTML 1Page - Analog Devices LT3759 Datasheet HTML 2Page - Analog Devices LT3759 Datasheet HTML 3Page - Analog Devices LT3759 Datasheet HTML 4Page - Analog Devices LT3759 Datasheet HTML 5Page - Analog Devices LT3759 Datasheet HTML 6Page - Analog Devices LT3759 Datasheet HTML 7Page - Analog Devices LT3759 Datasheet HTML 8Page - Analog Devices LT3759 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LT3757/LT3757A
2
Rev. G
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SHDN/UVLO (Note 6).........................................40V
INTVCC....................................................VIN + 0.3V, 20V
GATE........................................................ INTVCC + 0.3V
SYNC ..........................................................................8V
VC, SS.........................................................................3V
RT ............................................................................1.5V
SENSE....................................................................±0.3V
FBX ................................................................. –6V to 6V
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
10
9
6
7
8
4
5
11
3
2
1
VIN
SHDN/UVLO
INTVCC
GATE
SENSE
VC
FBX
SS
RT
SYNC
1
2
3
4
5
VC
FBX
SS
RT
SYNC
10
9
8
7
6
VIN
SHDN/UVLO
INTVCC
GATE
SENSE
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
11
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3757EDD#PBF
LT3757EDD#TRPBF
LDYW
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3757IDD#PBF
LT3757IDD#TRPBF
LDYW
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3757EMSE#PBF
LT3757EMSE#TRPBF
LTDYX
10-Lead (3mm × 3mm) Plastic MSOP
–40°C to 125°C
LT3757IMSE#PBF
LT3757IMSE#TRPBF
LTDYX
10-Lead (3mm × 3mm) Plastic MSOP
–40°C to 125°C
LT3757HMSE#PBF
LT3757HMSE#TRPBF
LTDYX
10-Lead (3mm × 3mm) Plastic MSOP
–40°C to 150°C
LT3757MPMSE#PBF
LT3757MPMSE#TRPBF
LTDYX
10-Lead (3mm × 3mm) Plastic MSOP
–55°C to 150°C
LT3757AEDD#PBF
LT3757AEDD#TRPBF
LGGR
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3757AIDD#PBF
LT3757AIDD#TRPBF
LGGR
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3757AEMSE#PBF
LT3757AEMSE#TRPBF
LTGGM
10-Lead (3mm × 3mm) Plastic MSOP
–40°C to 125°C
LT3757AIMSE#PBF
LT3757AIMSE#TRPBF
LTGGM
10-Lead (3mm × 3mm) Plastic MSOP
–40°C to 125°C
LT3757AHMSE#PBF
LT3757AHMSE#TRPBF
LTGGM
10-Lead (3mm × 3mm) Plastic MSOP
–40°C to 150°C
LT3757AMPMSE#PBF
LT3757AMPMSE#TRPBF LTGGM
10-Lead (3mm × 3mm) Plastic MSOP
–55°C to 150°C
Operating Temperature Range (Notes 2, 8)
LT3757E/LT3757AE............................ –40°C to 125°C
LT3757I/LT3757AI ............................. –40°C to 125°C
LT3757H/LT3757AH........................... –40°C to 150°C
LT3757MP/LT3757AMP ..................... –55°C to 150°C
Storage Temperature Range
DFN.................................................... –65°C to 125°C
MSOP ................................................ –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP ...............................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com