Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3759
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3759 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3759 Datasheet HTML 16Page - Analog Devices LT3759 Datasheet HTML 17Page - Analog Devices LT3759 Datasheet HTML 18Page - Analog Devices LT3759 Datasheet HTML 19Page - Analog Devices LT3759 Datasheet HTML 20Page - Analog Devices LT3759 Datasheet HTML 21Page - Analog Devices LT3759 Datasheet HTML 22Page - Analog Devices LT3759 Datasheet HTML 23Page - Analog Devices LT3759 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LT3757/LT3757A
20
Rev. G
For more information www.analog.com
APPLICATIONS INFORMATION
The snubber resistor value (RSN) can be calculated by the
following equation:
RSN = 2 •
V2 SN − VSN • VOUT •
NP
NS
I2 SW(PEAK) •LLK • f
where VSN is the snubber capacitor voltage. A smaller
VSN results in a larger snubber loss. A reasonable VSN is
2 to 2.5 times of:
VOUT • NP
NS
LLK is the leakage inductance of the primary winding,
which is usually specified in the transformer character-
istics. LLK can be obtained by measuring the primary
inductance with the secondary windings shorted. The
snubber capacitor value (CCN) can be determined using
the following equation:
CCN =
VSN
ΔVSN •RCN • f
where ∆VSN is the voltage ripple across CCN. A reasonable
∆VSN is 5% to 10% of VSN. The reverse voltage rating of
DSN should be higher than the sum of VSN and VIN(MAX).
Flyback Converter: Sense Resistor Selection
In a flyback converter, when the power switch is turned
on, the current flowing through the sense resistor
(ISENSE) is:
ISENSE = ILP
Set the sense voltage at ILP(PEAK) to be the minimum of
the SENSE current limit threshold with a 20% margin. The
sense resistor value can then be calculated to be:
RSENSE =
80mV
ILP(PEAK)
Flyback Converter: Power MOSFET Selection
For the flyback configuration, the MOSFET is selected
with a VDC rating high enough to handle the maximum
VIN, the reflected secondary voltage and the voltage spike
due to the leakage inductance. Approximate the required
MOSFET VDC rating using:
BVDSS > VDS(PEAK)
where:
VDS(PEAK) = VIN(MAX)+ VSN
The power dissipated by the MOSFET in a flyback con-
verter is:
PFET = I2M(RMS) • RDS(ON) + 2 • V2DS(PEAK) • IL(MAX) •
CRSS • f/1A
The first term in this equation represents the conduction
losses in the device, and the second term, the switching
loss. CRSS is the reverse transfer capacitance, which is
usually specified in the MOSFET characteristics.
From a known power dissipated in the power MOSFET, its
junction temperature can be obtained using the following
equation:
TJ = TA + PFET • θJA = TA + PFET • (θJC + θCA)
TJ must not exceed the MOSFET maximum junction
temperature rating. It is recommended to measure the
MOSFET temperature in steady state to ensure that abso-
lute maximum ratings are not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com