Electronic Components Datasheet Search
  English  ▼

X  

CS50N20 Datasheet(PDF) 3 Page - China Resources Microelectronics Limited

Part # CS50N20
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRMICRO [China Resources Microelectronics Limited]
Direct Link  https://www.crmicro.com/Home/
Logo CRMICRO - China Resources Microelectronics Limited

CS50N20 Datasheet(HTML) 3 Page - China Resources Microelectronics Limited

  CS50N20 Datasheet HTML 1Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 2Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 3Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 4Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 5Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 6Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 7Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 8Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 9Page - China Resources Microelectronics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
W UX I C H I N A R E SO URC ES H U A JI N G MI C R O ELE C T R O N I C S C O . , LT D.
P a g e 3 o f 1 0
2 0 19 V 01
○
R
CS50N20 A0R
Source-Drain Diode Characteristics
Symbol
Parameter
Test Conditions
Rating
Units
Min.
Typ.
Max.
IS
Continuous Source Current (Body Diode)
--
--
50
A
ISM
Maximum Pulsed Current (Body Diode)
--
--
200
A
VSD
Diode Forward Voltage
IS=40A,VGS=0V
--
--
1.5
V
trr
Reverse Recovery Time
IS=20A,Tj = 25℃
dIF/dt=100A/us,
VGS=0V
--
261.3
ns
Qrr
Reverse Recovery Charge
--
2770
nC
IRRM
Reverse Recovery Current
--
21.2
A
Pulse width tp≤300µs,δ≤2%
Symbol
Parameter
Max.
Units
RθJC
Junction-to-Case
0.5
℃/W
RθJA
Junction-to-Ambient
62.5
℃/W
a1:Repetitive rating; pulse width limited by maximum junction temperature
a2:L=10mH, I
D=18.5A, Start TJ=25℃
a3:I
SD =20A,di/dt
≤100A/us,V
DD≤ BVDS, Start TJ=25℃
a4:Recommend soldering temperature defined by IPC/JEDEC J-STD 02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com