Electronic Components Datasheet Search
  English  ▼

X  

CS50N20 Datasheet(PDF) 1 Page - China Resources Microelectronics Limited

Part # CS50N20
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRMICRO [China Resources Microelectronics Limited]
Direct Link  https://www.crmicro.com/Home/
Logo CRMICRO - China Resources Microelectronics Limited

CS50N20 Datasheet(HTML) 1 Page - China Resources Microelectronics Limited

  CS50N20 Datasheet HTML 1Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 2Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 3Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 4Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 5Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 6Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 7Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 8Page - China Resources Microelectronics Limited CS50N20 Datasheet HTML 9Page - China Resources Microelectronics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CS50N20 A0R
W UX I C H I N A R E SO URC ES H U A JI N G MI C R O ELE C T R O N I C S C O . , LT D.
P a g e 1 o f 1 0
2 0 19 V 01
○
R
Silicon
N-Channel
Power
MOSFET
General Description:
CS50N20
A0R,
the
silicon
N-channel
Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which
reduce
the
conduction
loss,
improve
switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency. The package form is TO-263,
which accords with the RoHS standard.
Features:
l Fast Switching
l Low ON Resistance(Rdson≤51mΩ)
l Low Gate Charge (Typical Data: 49.4nC)
l Low Reverse transfer capacitances(Typical:34pF)
l 100% Single Pulse avalanche energy Test
Applications:
Power switch circuit of adaptor and charger.
Absolute(TJ= 25℃ unless otherwise specified):
Symbol
Parameter
Rating
Units
VDSS
Drain-to-Source Voltage
200
V
ID
Continuous Drain Current TC = 25 °C
50
A
Continuous Drain Current TC = 100 °C
38.5
A
IDM
a1
Pulsed Drain Current TC = 25 °C
200
A
VGS
Gate-to-Source Voltage
±30
V
EAS
a2
Single Pulse Avalanche Energy
1700
mJ
dv/dt
a3
Peak Diode Recovery dv/dt
5.0
V/ns
PD
Power Dissipation TC = 25 °C
250
W
Derating Factor above 25°C
2.0
W/℃
TJ,Tstg
Operating Junction and Storage Temperature Range
150,–55 to 150
℃
VDSS
200
V
ID
50
A
PD(TC=25℃)
250
W
RDS(ON)Typ
42
mΩ


Similar Part No. - CS50N20

ManufacturerPart #DatasheetDescription
logo
HUAJING MICROELECTRONIC...
CS50N20 HUAJING-MICRO-CS50N20 Datasheet
422Kb / 10P
Silicon N-Channel Power MOSFET
2015 V01
CS50N20 ANH HUAJING-MICRO-CS50N20 ANH Datasheet
422Kb / 10P
Silicon N-Channel Power MOSFET
2015 V01
CS50N20ANH HUAJING-MICRO-CS50N20ANH Datasheet
422Kb / 10P
Silicon N-Channel Power MOSFET
2015 V01
More results

Similar Description - CS50N20

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3592-01L FUJI-2SK3592-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3613-01 FUJI-2SK3613-01 Datasheet
116Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3646-01L FUJI-2SK3646-01L Datasheet
244Kb / 4P
N-CHANNEL SILICON POWER MOSFET
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK3771-01MR FUJI-2SK3771-01MR Datasheet
99Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3776-01 FUJI-2SK3776-01 Datasheet
108Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3677-01MR FUJI-2SK3677-01MR Datasheet
114Kb / 4P
N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com