Electronic Components Datasheet Search
  English  ▼

X  

77138 Datasheet(PDF) 3 Page - Amphenol Communications Solutions

Part # 77138
Description  Minitek® Crimp-to-Wire
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

77138 Datasheet(HTML) 3 Page - Amphenol Communications Solutions

  77138 Datasheet HTML 1Page - Amphenol Communications Solutions 77138 Datasheet HTML 2Page - Amphenol Communications Solutions 77138 Datasheet HTML 3Page - Amphenol Communications Solutions 77138 Datasheet HTML 4Page - Amphenol Communications Solutions 77138 Datasheet HTML 5Page - Amphenol Communications Solutions 77138 Datasheet HTML 6Page - Amphenol Communications Solutions 77138 Datasheet HTML 7Page - Amphenol Communications Solutions 77138 Datasheet HTML 8Page - Amphenol Communications Solutions 77138 Datasheet HTML 9Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
Minitek® Crimp-to-Wire
PART NUMBER SELECTOR CTW HOUSING AND CONTACTS
77138
X
01
LF
Base number
1
0.76μm gold on mating area
0
Gold flash
Lead-free compatibility
CONTACT
HOUSING
90311
0
XX
LF
Base number
Lead-free compatibility
Total number of positions
04 to 50 (double row)
Description
Part Numbers
CTW Contact AWG 22-24
10044403
CTW Contact AWG 26-30
77138
CTW Housing with keying, Single Row
90312
CTW Housing with keying, Double Row
90311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com