Electronic Components Datasheet Search
  English  ▼

X  

77138 Datasheet(PDF) 5 Page - Amphenol Communications Solutions

Part # 77138
Description  Minitek® Crimp-to-Wire
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

77138 Datasheet(HTML) 5 Page - Amphenol Communications Solutions

  77138 Datasheet HTML 1Page - Amphenol Communications Solutions 77138 Datasheet HTML 2Page - Amphenol Communications Solutions 77138 Datasheet HTML 3Page - Amphenol Communications Solutions 77138 Datasheet HTML 4Page - Amphenol Communications Solutions 77138 Datasheet HTML 5Page - Amphenol Communications Solutions 77138 Datasheet HTML 6Page - Amphenol Communications Solutions 77138 Datasheet HTML 7Page - Amphenol Communications Solutions 77138 Datasheet HTML 8Page - Amphenol Communications Solutions 77138 Datasheet HTML 9Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
Minitek® Active Latch Housing
TECHNICAL INFORMATION
MATERIALS
§
Housing: Polyamide
§
Color: Black
§
Flammability Rating: UL94V-O
MECHANICAL PERFORMANCE
§
Latching Retention Force: 15N min. (for 2x3 & 2x4)
§
Latching Retention Force 25N min. (for 2x5 & 2x25)
ELECTRICAL PERFORMANCE
§
Insulation Resistance: 1000MΩ min.
§
Dielectric Withstanding Voltage: 500V
ENVIRONMENTAL
§
Operating Temperature Range: -55°C to +125°C
APPROVALS & CERTIFICATION
§
This product is RoHS compatible according to the
European Union Directive 2002/95/IEC
SPECIFICATIONS
§
File no. E66906
§
File no. LR46923
§
Product Drawing: By 8-digit base part number
§
Product Specification: GS-12-415
PROCESSING INFORMATION
§
Compatible with wave, vapor-phase, and IR re-flow
soldering processes
INSERTION DEPTH
§
2.40mm min. to 3.30mm max. [provides .381mm wipe]
§
3.63mm min. to 4.00mm max. [provides .381mm wipe in
housing]
TARGET MARKETS/APPLICATIONS
Electronic Control Systems
Communications
Servers
Communication Equipment
Industrial Automation
Instrumentation
Vending Machines
Descrption
Part Numbers
CTW Active Latch Housing, Double Row
10118940
PART NUMBER SELECTOR ACTIVE LATCH HOUSING
10118940
2
XX
LF
Base number
Lead-free compatibility
Halogen free Black
Total number of positions
(2x3 to 2x17 positions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com