Electronic Components Datasheet Search
  English  ▼

X  

77138 Datasheet(PDF) 10 Page - Amphenol Communications Solutions

Part # 77138
Description  Minitek® Crimp-to-Wire
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

77138 Datasheet(HTML) 10 Page - Amphenol Communications Solutions

Back Button 77138 Datasheet HTML 6Page - Amphenol Communications Solutions 77138 Datasheet HTML 7Page - Amphenol Communications Solutions 77138 Datasheet HTML 8Page - Amphenol Communications Solutions 77138 Datasheet HTML 9Page - Amphenol Communications Solutions 77138 Datasheet HTML 10Page - Amphenol Communications Solutions 77138 Datasheet HTML 11Page - Amphenol Communications Solutions 77138 Datasheet HTML 12Page - Amphenol Communications Solutions 77138 Datasheet HTML 13Page - Amphenol Communications Solutions 77138 Datasheet HTML 14Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
Minitek® Headers
TECHNICAL INFORMATION
MATERIAL
§
Housing: High temperature thermoplastic
§
Color: Black
§
Flammability Rating: UL94V-O
§
Pin: Phosphor bronze
§
Plating: Gold and tin over 1.27µm nickel
MECHANICAL PERFORMANCE
§
Pin Retention: 7N min.
ELECTRICAL PERFORMANCE
§
Current Rating: 1A continuous
§
Insulation Resistance: 1000WM min.
§
Dielectric Withstanding Voltage: 650V
ENVIRONMENTAL
§
Operating Temperature Range: -55°C to +125°C
APPROVALS & CERTIFICATION
§
RoHS compatible according to the European Union
Directive 2002/95/IEC
SPECIFICATIONS
§
File Number: E66906
§
File Number: LR46923
§
Product Drawing: By 8-digit base part number
§
Product Specification: DPS-12-011 and GS-12-163
§
Application Specification: TA-895
§
Re-flow Profile: TA-842
PROCESSING INFORMATION
§
Compatible with IR re-flow soldering processes
TARGET MARKETS/APPLICATIONS
Automotive
Communications
Data
Industrial & Instrumentation
Medical
UNSHROUDED/STACKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com