Electronic Components Datasheet Search
  English  ▼

X  

77311 Datasheet(PDF) 2 Page - Amphenol Communications Solutions

Part # 77311
Description  BergStik® Headers Straight Unshrouded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

77311 Datasheet(HTML) 2 Page - Amphenol Communications Solutions

  77311 Datasheet HTML 1Page - Amphenol Communications Solutions 77311 Datasheet HTML 2Page - Amphenol Communications Solutions 77311 Datasheet HTML 3Page - Amphenol Communications Solutions 77311 Datasheet HTML 4Page - Amphenol Communications Solutions 77311 Datasheet HTML 5Page - Amphenol Communications Solutions 77311 Datasheet HTML 6Page - Amphenol Communications Solutions 77311 Datasheet HTML 7Page - Amphenol Communications Solutions 77311 Datasheet HTML 8Page - Amphenol Communications Solutions 77311 Datasheet HTML 9Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
BergStik® Headers Straight Unshrouded
TECHNICAL INFORMATION
MATERIAL
§
Housing: High temperature thermoplastic
§
Flammability Rating: UL94V-0
§
Pin: Phosphor bronze
§
Plating: Gold / GXT® or Tin over 1.27µm (50µin) nickel
MECHANICAL PERFORMANCE
§
Pin Retention Force to Housing: 9N min.
ELECTRICAL PERFORMANCE
§
Current Rating:
§
3A continuous
§
2A DC max. per contact for fully energized connector
§
Insulation Resistance: 5000MΩ min.
§
Dielectric Withstanding Voltage: 1500Vrms min.
ENVIRONMENTAL
§
Operating Temperature Range: -65°C to +125°C
SPECIFICATIONS
§
Product Specification: BUS-12-050 / BUS-12-144 (duplex
plated) / BUS-12-117 (press-fit)
APPROVALS & CERTIFICATION
§
UL Approval: E66906
PACKAGING
§
Polybags
§
Endless reels
§
Optional: Tubes or tape-and-reel with pick-up cap (if
available)
TOOLING INFORMATION
§
Insertion tool: 30AWG to 20AWG
TARGET MARKETS/APPLICATIONS
Personal Care Devices (Air Dryer)
Home Care Devices (Cleaning Robot)
Home Automation (Alarm System)
Server
Storage
Industrials (Robotics, PLC , Power tool)
PART NUMBERS
Description
Part Numbers
Unshrouded Header, Straight, Single Row, TMT
77311
Unshrouded Header, Straight, Single Row, SMT
95293
Unshrouded Header, Straight, Single Row, Press-Fit
93689
Unshrouded Header, Straight, Double Row, TMT
77313
Unshrouded Header, Straight, Double Row, SMT
95278
Unshrouded Header, Straight, Double Row, Press-Fit
93690



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com