Electronic Components Datasheet Search
  English  ▼

X  

77311 Datasheet(PDF) 4 Page - Amphenol Communications Solutions

Part # 77311
Description  BergStik® Headers Straight Unshrouded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

77311 Datasheet(HTML) 4 Page - Amphenol Communications Solutions

  77311 Datasheet HTML 1Page - Amphenol Communications Solutions 77311 Datasheet HTML 2Page - Amphenol Communications Solutions 77311 Datasheet HTML 3Page - Amphenol Communications Solutions 77311 Datasheet HTML 4Page - Amphenol Communications Solutions 77311 Datasheet HTML 5Page - Amphenol Communications Solutions 77311 Datasheet HTML 6Page - Amphenol Communications Solutions 77311 Datasheet HTML 7Page - Amphenol Communications Solutions 77311 Datasheet HTML 8Page - Amphenol Communications Solutions 77311 Datasheet HTML 9Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.amphenol-cs.com
TARGET MARKETS
BergStik® Headers Stacking Unshrouded
CUSTOMIZABLE STACKING
HEADERS WITH BREAKAWAY
DESIGN
FEATURES
BENEFITS
§
High temperature thermoplastic material
§
Re-flow compatible
§
Customizable height
§
Cater to a wide range of applications
§
Suitable for mezzanine application and gives more
flexibility in meeting different stack height requirements
§
Blank 0.64mm square contacts present four surfaces of
equal quality
§
Can be used for wire wrapping
§
Standoff design
§
Allows cleaning to remove soldering contamination
§
Duplex plating
§
Cost efficient
§
Tin-lead plating in press-fit area
§
Easy pin insertion onto PCB
§
Press-fit designed to fit 1.02mm diameter hole, solder-to-
board products
§
High retention force onto PCB
§
Meets DIN 41651 specification, HE 13, and BT D2632
§
Same layout on THT and Press-fit
§
Qualified product
BergStik® Amphenol FCI 2.54mm stacking unshrouded
headers are offered in surface-mount (SMT), through-
hole (THT), press-fit (PF) and pin-in-paste (PIP) versions.
Available in single and double row from 2 to 72 positions.
These “breakaway headers” can be cut or broken into specific
lengths to suit the application profile with a maximum
current rating of 3A per contact. The drawn-wire pins offer an
economical solution for various applications with durability
up to 100 mating.
§ Duplex, triplex or full plating
§ Height up to 55.00mm (duplex plating) and 65.00mm
(triplex)
§ Multiple termination options: SMT, THT, PF, PIP
§ Fully compatible with Dubox® receptacles
2.54MM PITCH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com