Electronic Components Datasheet Search
  English  ▼

X  

77311 Datasheet(PDF) 5 Page - Amphenol Communications Solutions

Part # 77311
Description  BergStik® Headers Straight Unshrouded
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

77311 Datasheet(HTML) 5 Page - Amphenol Communications Solutions

  77311 Datasheet HTML 1Page - Amphenol Communications Solutions 77311 Datasheet HTML 2Page - Amphenol Communications Solutions 77311 Datasheet HTML 3Page - Amphenol Communications Solutions 77311 Datasheet HTML 4Page - Amphenol Communications Solutions 77311 Datasheet HTML 5Page - Amphenol Communications Solutions 77311 Datasheet HTML 6Page - Amphenol Communications Solutions 77311 Datasheet HTML 7Page - Amphenol Communications Solutions 77311 Datasheet HTML 8Page - Amphenol Communications Solutions 77311 Datasheet HTML 9Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.amphenol-cs.com
Disclaimer
Please note that the above information is subject to change without notice.
BergStik® Headers Stacking Unshrouded
TECHNICAL INFORMATION
MATERIAL
§
Housing: High temperature thermoplastic
§
Flammability Rating: UL94V-0
§
Pin: Phosphor bronze
§
Plating: Gold / GXT® or Tin over 1.27µm (50µin) nickel
MECHANICAL PERFORMANCE
§
Pin Retention Force to Housing: 9N min.
ELECTRICAL PERFORMANCE
§
Current Rating:
§
3A continuous
§
2A DC max. per contact for fully energized connector
§
Insulation Resistance: 5000MΩ min.
§
Dielectric Withstanding Voltage: 1500Vrms min.
ENVIRONMENTAL
§
Operating Temperature Range: -65°C to +125°C
SPECIFICATIONS
§
Product Specification: BUS-12-050 / BUS-12-144 (duplex
plated) / BUS-12-117 (press-fit)
APPROVALS & CERTIFICATION
§
UL Approval: E66906
PACKAGING
§
Polybags
§
Optional: Tubes or tape-and-reel with pick-up cap (if
available)
TARGET MARKETS/APPLICATIONS
Personal Care Devices (Air Dryer)
Home Care Devices (Cleaning Robot)
Home Automation (Alarm System)
Server
Storage
Industrials (Robotics, PLC, Power tool)
PART NUMBERS
Description
Part Numbers
Unshrouded Stacking Header, Vertical, Single Row, TMT
54121
Unshrouded Stacking Header, Vertical, Single Row, Press-Fit
10124323
Unshrouded Stacking Header, Vertical, Double Row, TMT
54122
Unshrouded Stacking Header, Vertical, Double Row, SMT
54242
Unshrouded Stacking Header, Vertical, Double Row, Press-Fit
10112620



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com