Electronic Components Datasheet Search
  English  ▼

X  

CD4049UB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CD4049UB
Description  CD4049UB and CD4050B CMOS Hex Inverting Buffer and Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4049UB Datasheet(HTML) 12 Page - Texas Instruments

Back Button CD4049UB Datasheet HTML 8Page - Texas Instruments CD4049UB Datasheet HTML 9Page - Texas Instruments CD4049UB Datasheet HTML 10Page - Texas Instruments CD4049UB Datasheet HTML 11Page - Texas Instruments CD4049UB Datasheet HTML 12Page - Texas Instruments CD4049UB Datasheet HTML 13Page - Texas Instruments CD4049UB Datasheet HTML 14Page - Texas Instruments CD4049UB Datasheet HTML 15Page - Texas Instruments CD4049UB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
V
OUTPUTS
CC
INPUTS
V
V
V
CC
SS
SS
I
Measure inputs sequentially, to both VCC and VSS connect all
unused inputs to either VCC or VSS.
Figure 7-3. Input Current Test Circuit
V
= 5V
CC
OUTPUT
INPUTS
10V = V
0 = V
V
TO DTL/TTL
IH
IL
SS
CMOS 10V LEVEL TO DTL/TTL 5V LEVEL
COS/MOS
IN
IN Pin: A, B, C, D, E, or F
B. OUT Pin: G, H, I, J, K, or L
C. VCC Pin
D. VSS Pin
Figure 7-4. Logic Level Conversion Application
I
V
500
F
DD
µ
0.1 F
µ
C
10kHz,
L
100kHz, 1MHz
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CL includes fixture capacitance.
Figure 7-5. Dynamic Power Dissipation Test Circuits
CD4049UB, CD4050B
SCHS046K – AUGUST 1998 – REVISED JUNE 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CD4049UB CD4050B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com