Electronic Components Datasheet Search
  English  ▼

X  

CD4049UB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD4049UB
Description  CD4049UB and CD4050B CMOS Hex Inverting Buffer and Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4049UB Datasheet(HTML) 3 Page - Texas Instruments

  CD4049UB Datasheet HTML 1Page - Texas Instruments CD4049UB Datasheet HTML 2Page - Texas Instruments CD4049UB Datasheet HTML 3Page - Texas Instruments CD4049UB Datasheet HTML 4Page - Texas Instruments CD4049UB Datasheet HTML 5Page - Texas Instruments CD4049UB Datasheet HTML 6Page - Texas Instruments CD4049UB Datasheet HTML 7Page - Texas Instruments CD4049UB Datasheet HTML 8Page - Texas Instruments CD4049UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
5 Pin Configuration and Functions
1
VCC
16
NC
2
G
15
L
3
A
14
F
4
H
13
NC
5
B
12
K
6
I
11
E
7
C
10
J
8
VSS
9
D
Not to scale
Figure 5-1. CD4049UB D, DW, N, NS, and PW
Packages 16-Pin SOIC, PDIP, SO, and TSSOP Top
View
1
VCC
16
NC
2
G
15
L
3
A
14
F
4
H
13
NC
5
B
12
K
6
I
11
E
7
C
10
J
8
VSS
9
D
Not to scale
Figure 5-2. CD4050B D, DW, N, NS, and PW
Packages 1G6-Pin SOIC, PDIP, SO, and TSSOP Top
View
Pin Functions: CD4049UB
PIN
I/O
DESCRIPTION
NAME
NO.
A
3
I
Input 1
B
5
I
Input 2
C
7
I
Input 3
D
9
I
Input 4
E
11
I
Input 5
F
14
I
Input 6
G
2
O
Inverting output 1. G = A
H
4
O
Inverting output 2. H = B
I
6
O
Inverting output 3. I = C
J
10
O
Inverting output 4. J = D
K
12
O
Inverting output 5. K = E
L
15
O
Inverting output 6. L = F
NC
13, 16
—
No connection
VCC
1
—
Power pin
VSS
8
—
Negative supply
www.ti.com
CD4049UB, CD4050B
SCHS046K – AUGUST 1998 – REVISED JUNE 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD4049UB CD4050B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com