Electronic Components Datasheet Search
  English  ▼

X  

CD4049UB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CD4049UB
Description  CD4049UB and CD4050B CMOS Hex Inverting Buffer and Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4049UB Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD4049UB Datasheet HTML 9Page - Texas Instruments CD4049UB Datasheet HTML 10Page - Texas Instruments CD4049UB Datasheet HTML 11Page - Texas Instruments CD4049UB Datasheet HTML 12Page - Texas Instruments CD4049UB Datasheet HTML 13Page - Texas Instruments CD4049UB Datasheet HTML 14Page - Texas Instruments CD4049UB Datasheet HTML 15Page - Texas Instruments CD4049UB Datasheet HTML 16Page - Texas Instruments CD4049UB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
8 Detailed Description
8.1 Overview
The CD4049UB device is an inverting hex buffer; the CD4050B device is a noninverting hex buffer. These
devices do logic-level conversions and have a high sink current that can drive two TTL loads. These devices
also have low input current of 1 µA across the full temperature range at 18 V.
The CD4049UB and CD4050B devices are designated as replacements for CD4009UB and CD4010B devices,
respectively. Because the CD4049UB and CD4050B require only one power supply, they are preferred over the
CD4009UB and CD4010B and should be used in place of the CD4009UB and CD4010B in all inverter, current
driver, or logic-level conversion applications. In these applications the CD4049UB and CD4050B are pin
compatible with the CD4009UB and CD4010B respectively, and can be substituted for these devices in existing
as well as in new designs. Pin 16 (NC) is not connected internally on the CD4049UB or CD4050B, therefore,
connection to this terminal is of no consequence to circuit operation. TI recommends the CD4069UB hex inverter
is recommended for applications not requiring high sink-current or voltage conversion.
8.2 Functional Block Diagram
CD4050B
3
2
A
G
A
5
4
B
H
B
7
6
C
I
C
9
10
D
J
D
11
12
E
K
E
14
15
F
L
F
1
8
V
V
NC = 13
CC
SS
NC = 16
3
2
A
G = A
5
4
B
H = B
7
6
C
I = C
9
10
D
J = D
11
12
E
K = E
14
15
F
L = F
1
8
V
V
NC = 13
CC
SS
NC = 16
=
=
=
=
=
=
Copyright © 2016, Texas Instruments Incorporated
8.3 Feature Description
CD4049UB and CD4050B have standardized symmetrical output characteristics and a wide operating voltage
from 3 V to 18 V with quiescent current tested at 20 V. These devices have transition times of tTLH = 40 ns and
tTHL = 20 ns (typical) at 10 V. The operating temperature is from –55°C to 125°C.
www.ti.com
CD4049UB, CD4050B
SCHS046K – AUGUST 1998 – REVISED JUNE 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CD4049UB CD4050B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com