Electronic Components Datasheet Search
  English  ▼

X  

KMB32S-G Datasheet(PDF) 3 Page - Comchip Technology

Part # KMB32S-G
Description  SMD Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KMB32S-G Datasheet(HTML) 3 Page - Comchip Technology

  KMB32S-G Datasheet HTML 1Page - Comchip Technology KMB32S-G Datasheet HTML 2Page - Comchip Technology KMB32S-G Datasheet HTML 3Page - Comchip Technology KMB32S-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
D1
D2
D
W1
Reel Taping Specification
+
-
SMD Schottky Bridge Rectifiers
REV:A
A
P
B
F
E
W
d
P0
P1
Index hole
QW-BBR92
SYMBOL
MBS
(mm)
(inch)
A
B
C
d
D
D1
D2
5.02 ± 0.10
330.00 ± 1.00
12.992 ± 0.039
0.198 ± 0.004
7.22 ± 0.10
2.88 ± 0.10
1.55 ± 0.05
13.50 + 1.00
0.284 ± 0.004
0.113 ± 0.004
0.061 ± 0.002
75.00 ± 1.00
- 0.50
2.953 ± 0.039
0.531 + 0.039
- 0.020
MBS
SYMBOL
(mm)
(inch)
E
F
P
P0
P1
W
W1
1.75 ± 0.10
5.50 ± 0.05
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
12.00 ± 0.10
0.069 ± 0.004
0.217 ± 0.002
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.472 ± 0.004
T
13.50 ± 1.00
0.27 ± 0.03
0.011 ± 0.001
0.531 ± 0.039
C
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com