Electronic Components Datasheet Search
  English  ▼

X  

KMB32S-G Datasheet(PDF) 4 Page - Comchip Technology

Part # KMB32S-G
Description  SMD Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KMB32S-G Datasheet(HTML) 4 Page - Comchip Technology

  KMB32S-G Datasheet HTML 1Page - Comchip Technology KMB32S-G Datasheet HTML 2Page - Comchip Technology KMB32S-G Datasheet HTML 3Page - Comchip Technology KMB32S-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
+
-
XX/XXX = Product type marking code
KMBXXS
Page 4
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
SMD Schottky Bridge Rectifiers
REV:A
QW-BBR92
Marking Code
Part Number
Marking Code
KMB32S-G
KMB32S
KMB33S
KMB34S
KMB345S
KMB35S
KMB36S
KMB33S-G
KMB34S-G
KMB35S-G
KMB345S-G
KMB36S-G
KMB38S
KMB310S
KMB38S-G
KMB310S-G
A
B
C
D
Suggested PAD Layout
SIZE
(inch)
0.035
(mm)
0.90
1.84
2.40
0.072
0.094
6.00
0.236
B
C
D
A
MBS
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
MBS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com