Electronic Components Datasheet Search
  English  ▼

X  

KMB32S-G Datasheet(PDF) 1 Page - Comchip Technology

Part # KMB32S-G
Description  SMD Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KMB32S-G Datasheet(HTML) 1 Page - Comchip Technology

  KMB32S-G Datasheet HTML 1Page - Comchip Technology KMB32S-G Datasheet HTML 2Page - Comchip Technology KMB32S-G Datasheet HTML 3Page - Comchip Technology KMB32S-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Bridge Rectifiers
Reverse Voltage: 20 to 100 Volts
Forward Current: 3.0 Amp
RoHS Device
Page 1
REV:A
KMB32S-G Thru. KMB310S-G
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Mechanical data
- Case: MB-S, molded plastic.
- Polarity: As marked on case.
- Mounting position: Any.
- Terminals: Plated leads solderable per MIL-STD-202,
Method 208.
Features
- Schottky brrier chip.
- Low power loss, high efficiency.
- Ideally suited for automatic assembly.
- Surge overload rating to 80A peak.
- Plastic case material has UL flammability
classification rating 94V-0.
-
Maximum Ratings and Electrical Characteristics (at TA=25°C, unless otherwise specified)
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Notes: 1. Mounted on aluminum substrate PC board with 1.3mm² solder pad.
2. Thermal resistance from junction to lead.
QW-BBR92
Circuit Diagram
MBS
Dimensions in inches and (millimeters)
0.161(4.10)
0.106(2.70)
0.106(2.70)
0.028(0.70)
0.142(3.60)
0.091(2.30)
0.090(2.30)
0.020(0.50)
0.276(7.00)
MAX.
0.010(0.25)
0.006(0.15)
0.043(1.10)
0.023(0.60)
0.008(0.20)
0.067(1.70)
0.195(4.95)
0.177(4.50)
0.051(1.30)
0.035(0.90)
+
-
MAX.
0.0
( .
)
51 1 30
Unit
30
20
40
40
28
45
45
31
50
50
35
60
60
42
V
V
A
A
V
°C/W
°C
Symbol
VDC
VR(RMS)
Typical thermal resistance per leg (Note 2)
DC blocking voltage
RMS reverse voltage
VRRM
VFM
14
V
Forward voltage per element
IF(AV)
IFSM
IRM
RθJL
16
mA
0.85
80
3
Parameter
KMB-G
33S
34S
345S
35S
36S
-55 to +150
TSTG
°C
Storage temperature range
Operating junction temperature range
TJ
26.560
Peak reverse current
Non-Repetitive peak forward surge current, 8.3ms
single half sine-wave superimposed on rated load
(JEDEC method)
Average rectified output current (Note 1) @TC=100°C
-55 to +150
Typical junction capacitance per leg
Peak repetitive reverse voltage
10
A²s
Cj
at rated DC blocking voltage
IF=3.0A
TA=25°C
TA=100°C
I²t rating for fusing (t< 8.3ms)
I²t
32S
20
21
30
28
0.1
0.55
pF
38S
310S
80
56
80
100
100
70
0.7
5
0.05


Similar Part No. - KMB32S-G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KMB32S DYELEC-KMB32S Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
logo
Zibo Seno Electronic En...
KMB32S ZSELEC-KMB32S Datasheet
397Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
KMB32S SHUNYE-KMB32S Datasheet
1Mb / 2P
S I N GLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 3.0 SCHOTTKY
V2.22
More results

Similar Description - KMB32S-G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MBS104 SECOS-MBS104 Datasheet
284Kb / 2P
Miniature SMD Glass Schottky Bridge Rectifiers
logo
Comchip Technology
CDBHM120L-HF COMCHIP-CDBHM120L-HF Datasheet
86Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF Datasheet
104Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHD220-G COMCHIP-CDBHD220-G Datasheet
112Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-G COMCHIP-CDBHM120L-G Datasheet
111Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF_12 Datasheet
87Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-G COMCHIP-CDBHM220L-G Datasheet
129Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF_12 Datasheet
129Kb / 4P
Low VF SMD Schottky Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
MBS104 SECOS-MBS104_15 Datasheet
284Kb / 2P
Miniature SMD Glass Schottky Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
TDFH55S BILIN-TDFH55S Datasheet
450Kb / 4P
Schottky Bridge Rectifiers
Rev.B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com