Electronic Components Datasheet Search
  English  ▼

X  

HT47C20 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit R-F Type Mask MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT47C20 Datasheet HTML 1Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 2Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 3Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
Pad Description
Pad No.
Pad Name
I/O
Mask
Option
Function
1
RES
I
¾
Schmitt trigger reset input. Active low.
2
3
4
5
6~9
PA0/BZ
PA1/BZ
PA2/IR
PA3/PFD
PA4~PA7
I/O
Wake-up
Pull-high
or None
CMOS or
NMOS
Bidirectional 8-bit input/output port. The low nibble of the PA can be
configured as CMOS output or NMOS output with or without
pull-high resistors (mask option). NMOS output can be configured
as Schmitt trigger input with or without pull-high resistors. Each bit of
NMOS output can be configured as wake up input by mask option.
Of the eight bits, PA0~PA1 can be set as I/O pins or buzzer outputs
by mask option. PA2 can be set as an I/O pin or an IR carrier output
also by mask option. PA3 can be set as an I/O pin or a PFD output
also by mask option.
10
11
12
13
PB0/INT
PB1
PB2/TMR
PB3
I
¾
Four-bit Schmitt trigger input port. The PB is configured as with
pull-high resistors. Of the four bits, PB0 can be set as an input pin or
an external interrupt input pin (INT) by software application. While
PB2 can be set as an input pin or a timer/event counter input pin
also by software application.
14
VSS
¾¾
Negative power supply, ground
18
17
16
15
IN1
CS1
RS1
RT1
I
O
O
O
¾
Oscillation input pin of channel 1
Reference capacitor connection pin of channel 1
Reference resistor connection pin of channel 1
Resistor sensor connection pin for measurement of channel 1
23
22
21
20
19
IN0
CS0
RS0
CRT0
RT0
I
O
O
O
O
¾
Oscillation input pin of channel 0
Reference capacitor connection pin of channel 0
Reference resistor connection pin of channel 0
Resistor/capacitor sensor connection pin for measurement of chan-
nel 0
Resistor sensor connection pin for measurement of channel 0
27
26~24
SEG19/COM3
COM2~COM0
O
1/3 or 1/4
Duty
SEG19/COM3 can be set as a segment or a common output driver
for LCD panel by mask option. COM2~COM0 are outputs for LCD
panel plate.
28~46
SEG18~SEG0
O
¾
LCD driver outputs for LCD panel segments
49, 48, 47
51, 50
V1, V2, V3
C1, C2
¾¾
Voltage pump
52
53
OSC4
OSC3
O
I
¾
Real time clock oscillators
54
VDD
¾¾
Positive power supply
55
56
OSC2
OSC1
O
I
Crystal or
RC
OSC1 and OSC2 are connected to an RC network or a crystal
(by mask option) for the internal system clock.
Absolute Maximum Ratings
Supply Voltage .........................................
-0.3V to 5.5V
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Storage Temperature ............................
-50°Cto125°C
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT47C20
Rev. 1.60
5
July 26, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com