Electronic Components Datasheet Search
  English  ▼

X  

HT47C20 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit R-F Type Mask MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT47C20 Datasheet HTML 1Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 2Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 3Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
HT47C20
8-Bit R-F Type Mask MCU
Rev. 1.60
1
July 26, 2002
Features
· Operating voltage: 2.4V~3.6V
· Eight bidirectional I/O lines
· Four input lines
· One interrupt input
· One 16-bit programmable timer/event counter with
PFD (programmable frequency divider) function
· On-chip crystal and RC oscillator for system clock
· One 32.768kHz crystal oscillator for real time clock
· Watchdog Timer
· 2K´16 program memory ROM
· 64´8 data memory RAM
· One Real Time Clock (RTC)
· One 8-bit prescaler for RTC
· One buzzer output
· HALT function and wake-up feature reduce power
consumption
· LCD bias C type
· One LCD driver with 20´3or19´4 segments
· One 38kHz or 40kHz IR carrier output
(455kHz or 480kHz system clock only)
· Two channels RC type A/D converter
· Four-level subroutine nesting
· Bit manipulation instruction
· 16-bit table read instruction
· Up to 8.3ms instruction cycle with 480kHz system
clock
· All instructions in one or two machine cycles
· 63 powerful instructions
· 64-pin QFP package
General Description
The HT47C20 is an 8-bit high performance RISC-like
microcontroller. Its single cycle instruction and
two-stage pipeline architecture make high speed appli-
cations. The device is suited for use in multiple LCD low
power applications among which are calculators, clock
timers, games, scales, toys, thermometers, hygrometers,
body thermometers, capacitor scaler, other hand held
LCD products, and battery systems in particular.


Similar Part No. - HT47C20

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47C20 HOLTEK-HT47C20 Datasheet
352Kb / 56P
8-Bit Microcontroller
January 18, 2000
HT47C20-1 HOLTEK-HT47C20-1 Datasheet
314Kb / 43P
R-F Type 8-Bit MCU
June 14, 2005
HT47C20-1 HOLTEK-HT47C20-1_08 Datasheet
294Kb / 41P
R-F Type 8-Bit MCU
HT47C20L HOLTEK-HT47C20L Datasheet
341Kb / 55P
8-Bit Microcontroller
January 18, 2000
HT47C20L HOLTEK-HT47C20L_05 Datasheet
357Kb / 45P
R-F Type Low Voltage 8-Bit Mask MCU
December 2, 2005
More results

Similar Description - HT47C20

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47C10L HOLTEK-HT47C10L Datasheet
271Kb / 38P
R-F Type Low Voltage 8-Bit Mask MCU
November 30, 2005
HT47R20A-1 HOLTEK-HT47R20A-1 Datasheet
314Kb / 43P
R-F Type 8-Bit MCU
June 14, 2005
HT45R36 HOLTEK-HT45R36 Datasheet
301Kb / 40P
C/R to F Type 8-Bit OTP MCU
September 28, 2006
HT47C20L HOLTEK-HT47C20L_05 Datasheet
357Kb / 45P
R-F Type Low Voltage 8-Bit Mask MCU
December 2, 2005
HT47R10A-1 HOLTEK-HT47R10A-1 Datasheet
318Kb / 43P
R-F Type 8-Bit MCU
September 27, 2007
HT45R35 HOLTEK-HT45R35 Datasheet
317Kb / 54P
C/R to F Type 8-Bit OTP MCU
January 29, 2010
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT47C06L HOLTEK-HT47C06L Datasheet
273Kb / 37P
R-F Type Low Voltage 8-Bit Mask MCU
HT47R20A-1 HOLTEK-HT47R20A-1_08 Datasheet
294Kb / 41P
R-F Type 8-Bit MCU
HT47C07L HOLTEK-HT47C07L Datasheet
3Mb / 57P
R-F Type Low Voltage 8-bit Mask MCU
December 23, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com