Electronic Components Datasheet Search
  English  ▼

X  

HT47C20 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT47C20
Description  8-Bit R-F Type Mask MCU
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT47C20 Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C20 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
HT47C20
Rev. 1.60
9
July 26, 2002
Program memory
- ROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into
2048
´16 bits, addressed by the program counter and ta-
ble pointer.
Certain locations in the program memory are reserved
for special usage
· Location 000H
This area is reserved for the initialization program. Af-
ter chip reset, the program always begins execution at
location 000H.
· Location 004H
This area is reserved for the external interrupt service
program. If the INT input pin is activated, and the inter-
rupt is enabled and the stack is not full, the program
begins execution at location 004H.
· Location 008H
This area is reserved for the time base interrupt service
program. If time base interrupt results from a time base
overflow, and if the interrupt is enabled and the stack is
not full, the program begins execution at location 008H.
· Location 00CH
This area is reserved for the real time clock interrupt
service program. If a real time clock interrupt results
from a real time clock overflow, and if the interrupt is
enabled and the stack is not full, the program begins
execution at location 00CH.
· Location 010H
This area is reserved for the timer/event counter inter-
rupt service program. If a timer interrupt results from a
Timer/Event Counter A or B overflow, and if the inter-
rupt is enabled and the stack is not full, the program
begins execution at location 010H.
· Table location
Any location in the ROM space can be used as look up
tables. The instructions TABRDC [m] (the current
page, 1 page=256 words) and TABRDL [m] (the last
page) transfer the contents of the lower-order byte to
the specified data memory, and the higher-order byte
to TBLH (08H). Only the destination of the lower-order
byte in the table is well-defined, the higher-order byte
of the table word are transferred to the TBLH. The ta-
ble higher-order byte register (TBLH) is read only. The
table pointer (TBLP) is a read/write register (07H),
which indicates the table location. Before accessing
the table, the location must be placed in TBLP. The
TBLH is read only and cannot be restored. If the main
routine and the ISR (Interrupt Service Routine) both
employ the table read instruction, the contents of the
TBLH in the main routine are likely to be changed by
the table read instruction used in the ISR. Errors can
occur. In other words, using the table read instruction
in the main routine and the ISR simultaneously should
be avoided. However, if the table read instruction has
to be applied in both the main routine and the ISR, the
interrupt is supposed to be disabled prior to the table
read instruction. It will not be enabled until the TBLH
has been backed up. All table related instructions
need two cycles to complete the operation. These ar-
eas may function as normal program memory depend-
ing upon the requirements.
0 0 0 H
0 0 4 H
0 0 8 H
D e v i c e i n i t i a l i z a t i o n p r o g r a m
E x t e r n a l i n t e r r u p t s u b r o u t i n e
P r o g r a m
R O M
1 6 b i t s
L o o k - u p t a b l e ( 2 5 6 w o r d s )
7 . . H
N o t e : n r a n g e s f r o m 0 t o 7
0 0 C H
T i m e b a s e i n t e r r u p t s u b r o u t i n e
R T C i n t e r r u p t s u b r o u t i n e
L o o k - u p t a b l e ( 2 5 6 w o r d s )
n 0 0 H
n . . H
T i m e r / e v e n t c o u n t e r i n t e r r u p t s u b r o u t i n e
0 1 0 H
Program memory
Instruction(s)
Table Location
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
1
1
1
@7
@6
@5
@4
@3
@2
@1
@0
Table location
Note: *10~*0: Table location bits
@7~@0: Table pointer bits
P10
~P8: Current program counter bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com