Electronic Components Datasheet Search
  English  ▼

X  

MIC4422ACT Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4422ACT
Description  9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4422ACT Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC4422ACT Datasheet HTML 3Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 4Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 5Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 6Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 7Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 8Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 9Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 10Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Micrel, Inc.
MIC4421A/4422A
June 2007
7
M9999-062707
Functional Diagram
IN
OUT
MIC4421A
INVERTING
MIC4422A
NONINVERTING
0.1mA
0.3mA
Q1
VS
GND
Q2
Q3
Q4
Figure 4. MIC4421A/22A Block Diagram
Functional Description
Refer to the functional diagram.
The MIC4422A is a non-inverting driver. A logic high on
the IN produces gate drive output. The MIC4421A is an
inverting driver. A logic low on the IN produces gate
drive output. The output is used to turn on an external N-
channel MOSFET.
Supply
VS (supply) is rated for +4.5V to +18V. External
capacitors are recommended to decouple noise.
Input
IN (control) is a TTL-compatible input. IN must be forced
high or low by an external signal. A floating input will
cause unpredictable operation.
A high input turns on Q1, which sinks the output of the
0.1mA and the 0.3mA current source, forcing the input of
the first inverter low.
Hysteresis
The control threshold voltage, when IN is rising, is
slightly higher than the control threshold voltage when
CTL is falling.
When IN is low, Q2 is on, which applies the additional
0.3mA current source to Q1. Forcing IN high turns on Q1
which must sink 0.4mA from the two current sources.
The higher current through Q1 causes a larger drain-to-
source voltage drop across Q1. A slightly higher control
voltage is required to pull the input of the first inverter
down to its threshold.
Q2 turns off after the first inverter output goes high. This
reduces the current through Q1 to 0.1mA. The lower
current reduces the drain-to-source voltage drop across
Q1. A slightly lower control voltage will pull the input of
the first inverter up to its threshold.
Drivers
The second (optional) inverter permits the driver to be
manufactured in inverting and non-inverting versions.
The last inverter functions as a driver for the output
MOSFETs Q3 and Q4.
Output
OUT is designed to drive a capacitive load. VOUT (output
voltage) is either approximately the supply voltage or
approximately ground, depending on the logic state
applied to IN.
If IN is high, and VS (supply) drops to zero, the output
will be floating (unpredictable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com