Electronic Components Datasheet Search
  English  ▼

X  

MIC4422ACT Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC4422ACT
Description  9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4422ACT Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC4422ACT Datasheet HTML 5Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 6Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 7Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 8Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 9Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 10Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 11Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 12Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
MIC4421A/4422A
June 2007
11
M9999-062707
PT =
Power dissipated in a driver when the output
changes states (“shoot-through current”) in
Watts. NOTE: The “shoot-through” current
from a dual transition (once up, once down)
for both drivers is stated in Figure 7 in
ampere-nanoseconds. This figure must be
multiplied by the number of repetitions per
second (frequency) to find Watts.
RO =
Output resistance of a driver in Ohms.
VS = Power supply voltage to the IC in Volts.
MIC4421A
+18V
0.1µF
1
8
6, 7
5
4
0.1µF
10,000pF
Polycarbonate
TEK Current
Probe 6302
+18V
0V
+5.0V
0V
WIMA
MK22
1µF
Figure 8. Peak Output Current Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com